Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G0C1VCT7 Fiches technique(PDF) 89 Page - STMicroelectronics

No de pièce STM32G0C1VCT7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1VCT7 Fiches technique(HTML) 89 Page - STMicroelectronics

Back Button STM32G0C1VCT7 Datasheet HTML 85Page - STMicroelectronics STM32G0C1VCT7 Datasheet HTML 86Page - STMicroelectronics STM32G0C1VCT7 Datasheet HTML 87Page - STMicroelectronics STM32G0C1VCT7 Datasheet HTML 88Page - STMicroelectronics STM32G0C1VCT7 Datasheet HTML 89Page - STMicroelectronics STM32G0C1VCT7 Datasheet HTML 90Page - STMicroelectronics STM32G0C1VCT7 Datasheet HTML 91Page - STMicroelectronics STM32G0C1VCT7 Datasheet HTML 92Page - STMicroelectronics STM32G0C1VCT7 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 159 page
background image
DS13564 Rev 4
89/159
STM32G0C1xC/xE
Electrical characteristics
124
Figure 23. HSI48 frequency versus temperature
Low-speed internal (LSI) RC oscillator
1. VDD = 3 V, TA = –40 to 125°C unless otherwise specified.
2. Guaranteed by design.
3. Guaranteed by characterization results.
4. Jitter measurement are performed without clock source activated in parallel.
MSv40989V1
-6
-4
-2
0
2
4
6
-50
-30
-10
10
30
50
70
90
110
130
Avg
min
max
°C
%
Table 46. LSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
fLSI
LSI frequency
VDD = 3.0 V, TA = 30 °C
31.04
-
32.96
kHz
VDD = 1.62 V to 3.6 V, TA = -40 to
125 °C
29.5
-
34
tSU(LSI)(2)
LSI oscillator start-up time
-
-
80
130
μs
tSTAB(LSI)(2) LSI oscillator stabilization time 5% of final frequency
-
125
180
μs
IDD(LSI)(2)
LSI oscillator power
consumption
-
-
110
180
nA
1. Based on characterization results, not tested in production.
2. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com