Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G0C1NET6 Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce STM32G0C1NET6
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET6 Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button STM32G0C1NET6 Datasheet HTML 53Page - STMicroelectronics STM32G0C1NET6 Datasheet HTML 54Page - STMicroelectronics STM32G0C1NET6 Datasheet HTML 55Page - STMicroelectronics STM32G0C1NET6 Datasheet HTML 56Page - STMicroelectronics STM32G0C1NET6 Datasheet HTML 57Page - STMicroelectronics STM32G0C1NET6 Datasheet HTML 58Page - STMicroelectronics STM32G0C1NET6 Datasheet HTML 59Page - STMicroelectronics STM32G0C1NET6 Datasheet HTML 60Page - STMicroelectronics STM32G0C1NET6 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 159 page
background image
Table 13. Port A alternate function mapping (AF0 to AF7)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PA0
SPI2_SCK/
I2S2_CK
USART2_CTS
TIM2_CH1_ETR
-
USART4_TX
LPTIM1_OUT
UCPD2_FRSTX
COMP1_OUT
PA1
SPI1_SCK/
I2S1_CK
USART2_RTS
_DE_CK
TIM2_CH2
-
USART4_RX
TIM15_CH1N
I2C1_SMBA
EVENTOUT
PA2
SPI1_MOSI/
I2S1_SD
USART2_TX
TIM2_CH3
-
UCPD1_FRSTX
TIM15_CH1
LPUART1_TX
COMP2_OUT
PA3
SPI2_MISO/
I2S2_MCK
USART2_RX
TIM2_CH4
-
UCPD2_FRSTX
TIM15_CH2
LPUART1_RX
EVENTOUT
PA4
SPI1_NSS/
I2S1_WS
SPI2_MOSI/
I2S2_SD
USB_NOE
USART6_TX
TIM14_CH1
LPTIM2_OUT
UCPD2_FRSTX
EVENTOUT
PA5
SPI1_SCK/
I2S1_CK
CEC
TIM2_CH1_ETR
USART6_RX
USART3_TX
LPTIM2_ETR
UCPD1_FRSTX
EVENTOUT
PA6
SPI1_MISO/
I2S1_MCK
TIM3_CH1
TIM1_BKIN
USART6_CTS
USART3_CTS
TIM16_CH1
LPUART1_CTS
COMP1_OUT
PA7
SPI1_MOSI/
I2S1_SD
TIM3_CH2
TIM1_CH1N
USART6_RTS
_DE_CK
TIM14_CH1
TIM17_CH1
UCPD1_FRSTX
COMP2_OUT
PA8
MCO
SPI2_NSS/
I2S2_WS
TIM1_CH1
-
CRS1_SYNC
LPTIM2_OUT
-
EVENTOUT
PA9
MCO
USART1_TX
TIM1_CH2
-
SPI2_MISO/
I2S2_MCK
TIM15_BKIN
I2C1_SCL
EVENTOUT
PA10
SPI2_MOSI/
I2S2_SD
USART1_RX
TIM1_CH3
MCO2
-
TIM17_BKIN
I2C1_SDA
EVENTOUT
PA11
SPI1_MISO/
I2S1_MCK
USART1_CTS
TIM1_CH4
FDCAN1_RX
-
TIM1_BKIN2
I2C2_SCL
COMP1_OUT
PA12
SPI1_MOSI/
I2S1_SD
USART1_RTS
_DE_CK
TIM1_ETR
FDCAN1_TX
-
I2S_CKIN
I2C2_SDA
COMP2_OUT
PA13
SWDIO
IR_OUT
USB_NOE
-
-
-
-
EVENTOUT
PA14
SWCLK
USART2_TX
---
--
EVENTOUT
PA15
SPI1_NSS/
I2S1_WS
USART2_RX
TIM2_CH1_ETR
MCO2
USART4_RTS
_DE_CK
USART3_RTS
_DE_CK
USB_NOE
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More