| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32G0C1NET6 Fiches technique(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G0C1NET6 Fiches technique(HTML) 53 Page - STMicroelectronics |
|
53 / 159 page ![]() - - - - - 40 - - 46 59 J12 PD8 I/O FT_s - USART3_TX, SPI1_SCK/I2S1_CK, LPTIM1_OUT - - - - - - 41 - - 47 60 H11 PD9 I/O FT_s - USART3_RX, SPI1_NSS/I2S1_WS, TIM1_BKIN2 - - - - - - - - - 48 61 H12 PD10 I/O FT_s - MCO - - - - - - - - - 49 62 G11 PD11 I/O FT_s - USART3_CTS, LPTIM2_ETR - - - - 30 E2 - 40 E8 50 63 G12 VSS S - - - - -20 - 31 D1 -41 D8 51 64 F12 VDDIO2 S - - - - - - - - - - - - 52 65 F11 PD12 I/O FT_s - USART3_RTS_DE_CK, LPTIM2_IN1, TIM4_CH1, FDCAN1_RX - - - - - - - - - 53 66 E12 PD13 I/O FT_s - LPTIM2_OUT, TIM4_CH2, FDCAN1_TX - - - - - - - - - 54 67 E11 PD14 I/O FT_s - LPUART2_CTS, TIM4_CH3, FDCAN2_RX - - - - - - - - - 55 68 D11 PD15 I/O FT_s - CRS1_SYNC, LPUART2_RTS_DE, TIM4_CH4, FDCAN2_TX - 21 21 32 32 C4 42 42 D6 56 69 E10 PA10 I/O FT_fds (3) SPI2_MOSI/I2S2_SD, USART1_RX, TIM1_CH3, MCO2, TIM17_BKIN, I2C1_SDA, EVENTOUT, I2C2_SDA UCPD1_DBCC2 22 22 33 33 C2 43 43 C8 57 70 D12 PA11 [PA9] I/O FT_fs (4) SPI1_MISO/I2S1_MCK, USART1_CTS, TIM1_CH4, FDCAN1_RX, TIM1_BKIN2, I2C2_SCL, COMP1_OUT USB_DM 23 23 34 34 B1 44 44 B8 58 71 C12 PA12 [PA10] I/O FT_fs (4) SPI1_MOSI/I2S1_SD, USART1_RTS_DE_CK, TIM1_ETR, FDCAN1_TX, I2S_CKIN, I2C2_SDA, COMP2_OUT USB_DP - - - - - - - - - 72 D10 PF8 I/O FT_s - - - Table 12. Pin assignment and description (continued) Pin number Pin name Alternate functions Additional functions |