Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32C011F6U6 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce STM32C011F6U6
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6U6 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button STM32C011F6U6 Datasheet HTML 23Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 24Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 25Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 26Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 27Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 28Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 29Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 30Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 94 page
background image
DS13866 Rev 3
27/94
STM32C011x4/x6
Pinouts, pin description and alternate functions
31
4
Pinouts, pin description and alternate functions
Figure 3. STM32C011JxM SO8N pinout
Figure 4. STM32C011DxY WLCSP12 ballout
1
2
3
4
8
7
6
5
PB7/PC14-OSCX_IN
PA0/PA1/PA2/PF2-NRST
PB6/PA14-BOOT0/PC15-OSCX_OUT
PA12[PA10]
PA13
VDD/VDDA
VSS/VSSA
PA11[PA9]/PA8
Top view
MSv65924V2
Top view
12
3
4
A
B
C
D
E
PB6
PC15-
OSCX
_OUT
PA13
PC14-
OSCX_IN
PA14-
BOOT0
VDD/
VDDA
PA11
[PA9]/
PA8
PB7
PA12
[PA10]/
PA7
VSS/
VSSA
PA3/PA4/
PA5/PA6
PF2-
NRST/
PA0/PA1/
PA2
F
MSv65925V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94