| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32C011F6U6 Fiches technique(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32C011F6U6 Fiches technique(HTML) 89 Page - STMicroelectronics |
|
89 / 94 page ![]() DS13866 Rev 3 89/94 STM32C011x4/x6 Package information 90 Figure 37. UFQFPN20 – Footprint example 1. Dimensions are expressed in millimeters. Table 68. UFQFPN20 – Mechanical data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Min Typ Max Min Typ Max A 0.500 0.550 0.600 0.0197 0.0217 0.0236 A1 0.000 0.020 0.050 0.0000 0.0008 0.0020 A3 - 0.152 - - 0.060 - D 2.900 3.000 3.100 0.1142 0.1181 0.1220 D1 - 2.000 - - 0.0790 - E 2.900 3.000 3.100 0.1142 0.1181 0.1220 E1 - 2.000 - - 0.0790 - L1 0.500 0.550 0.600 0.0197 0.0217 0.0236 L2 0.300 0.350 0.400 0.0118 0.0138 0.0157 L3 - 0.200 - - 0.0079 - L5 - 0.150 - - 0.0059 - b 0.180 0.250 0.300 0.0071 0.0098 0.0118 e - 0.500 - - 0.0197 - ddd - - 0.050 - - 0.0020 A0A5_FP_V2 |