Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G0C1NET6XTR Fiches technique(PDF) 58 Page - STMicroelectronics

No de pièce STM32G0C1NET6XTR
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET6XTR Fiches technique(HTML) 58 Page - STMicroelectronics

Back Button STM32G0C1NET6XTR Datasheet HTML 54Page - STMicroelectronics STM32G0C1NET6XTR Datasheet HTML 55Page - STMicroelectronics STM32G0C1NET6XTR Datasheet HTML 56Page - STMicroelectronics STM32G0C1NET6XTR Datasheet HTML 57Page - STMicroelectronics STM32G0C1NET6XTR Datasheet HTML 58Page - STMicroelectronics STM32G0C1NET6XTR Datasheet HTML 59Page - STMicroelectronics STM32G0C1NET6XTR Datasheet HTML 60Page - STMicroelectronics STM32G0C1NET6XTR Datasheet HTML 61Page - STMicroelectronics STM32G0C1NET6XTR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 159 page
background image
Table 14. Port A alternate function mapping (AF8 to AF15)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
PA0
-
-
---
--
-
PA1
-
-
---
--
-
PA2
-
-
---
--
-
PA3
-
-
---
--
-
PA4
-
SPI3_NSS
---
--
-
PA5
-
-
---
--
-
PA6
I2C2_SDA
I2C3_SDA
-
-
-
-
-
-
PA7
I2C2_SCL
I2C3_SCL
---
--
-
PA8
I2C2_SMBA
-
---
--
-
PA9
I2C2_SCL
-
---
--
-
PA10
I2C2_SDA
-
-
-
-
-
-
-
PA11
-
-
---
--
-
PA12
-
-
---
--
-
PA13
-
-
LPUART2_RX
-
-
-
-
-
PA14
-
-
LPUART2_TX
-
-
-
-
-
PA15
I2C2_SMBA
SPI3_NSS
---
--
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More