| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32G0C1NET6XTR Fiches technique(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G0C1NET6XTR Fiches technique(HTML) 48 Page - STMicroelectronics |
|
48 / 159 page ![]() Table 12. Pin assignment and description Pin number Pin name Alternate functions Additional functions - - - - - 64 64 A2 2 2 B2 PC10 I/O FT - USART3_TX, USART4_TX, TIM1_CH3, SPI3_SCK - - - - - - 1 1 A1 3 3 B1 PC11 I/O FT - USART3_RX, USART4_RX, TIM1_CH4, SPI3_MISO - - - - - - - - - - 4 C2 PE4 I/O FT - TIM3_CH2 - - - - - - - - - - 5 D3 PE5 I/O FT - TIM3_CH3 - - - - - - - - - - 6 C1 PE6 I/O FT - TIM3_CH4 TAMP_IN3, WKUP3 --- - - 2 2 B2 4 7 D2 PC12 I/O FT - LPTIM1_IN1, UCPD1_FRSTX, TIM14_CH1, USART5_TX, SPI3_MOSI - - - 1 1 B11 3 3 C2 5 8 E3 PC13 I/O FT (1)(2) TIM1_BKIN TAMP_IN1, RTC_TS, RTC_OUT1, WKUP2 -- 2 2 B13 4 4 C1 6 9 D1 PC14- OSC32_IN I/O FT (1)(2) TIM1_BKIN2 OSC32_IN 2 2 - --- - - - - - PC14- OSC32_IN I/O FT (1)(2) TIM1_BKIN2 OSC32_IN, OSC_IN 33 33 C12 5 5 B1 7 10 E1 PC15- OSC32_OUT I/O FT (1)(2) OSC32_EN, OSC_EN, TIM15_BKIN OSC32_OUT - - 4 4 C10 6 6 D3 8 11 E2 VBAT S - - - - - - 5 5 D11 7 7 D2 9 12 F2 VREF+ S - - - VREFBUF_OUT 4 4 6 6 D13 8 8 D1 10 13 F1 VDD/VDDA S - - - - 5 5 7 7 E12 9 9 E1 11 14 G1 VSS/VSSA S - - - - - - 8 8 F13 10 10 F1 12 15 H1 PF0-OSC_IN I/O FT - CRS1_SYNC, EVENTOUT, TIM14_CH1 OSC_IN |