Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U5A5QJI Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STM32U5A5QJI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJI Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STM32U5A5QJI Datasheet HTML 17Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 18Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 19Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 20Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 21Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 22Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 23Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 24Page - STMicroelectronics STM32U5A5QJI Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 382 page
background image
DS13543 Rev 1
21/382
STM32U5Axxx
Description
22
1. For the LQFP100 package, only FSMC bank1 is available. Bank1 can only support a multiplexed NOR/PSRAM memory
using the NE1 chip select.
2. Two OCTOSPIs are available only in muxed mode.
3. When both are used simultaneously, one supports only SDIO interface.
4. Available on packages without SMPS, not available on packages with SMPS.
5. Active tampers in output sharing mode (one output shared by all inputs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More