Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U595QJ Fiches technique(PDF) 130 Page - STMicroelectronics

No de pièce STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Fiches technique(HTML) 130 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 126Page - STMicroelectronics STM32U595QJ Datasheet HTML 127Page - STMicroelectronics STM32U595QJ Datasheet HTML 128Page - STMicroelectronics STM32U595QJ Datasheet HTML 129Page - STMicroelectronics STM32U595QJ Datasheet HTML 130Page - STMicroelectronics STM32U595QJ Datasheet HTML 131Page - STMicroelectronics STM32U595QJ Datasheet HTML 132Page - STMicroelectronics STM32U595QJ Datasheet HTML 133Page - STMicroelectronics STM32U595QJ Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 377 page
background image
-
57 M12
79
U3
W1
K11
P5
P14
-
57
M12
79
K11
PD10
I/O
FT_ha
-
LPTIM2_CH2,
I2C5_SMBA,
USART3_CK, LCD_R5,
TSC_G6_IO1,
FMC_D15,
SAI2_SCK_A,
LPTIM3_ETR,
EVENTOUT
-
-
58
J11
80
P4
R3
M13 M11 L12
-
58
J11
80
M13
PD11
I/O
FT_ha
-
I2C4_SMBA,
USART3_CTS,
LCD_R6,
TSC_G6_IO2,
FMC_CLE/FMC_A16,
SAI2_SD_A,
LPTIM2_ETR,
EVENTOUT
ADC4_IN15
-
59
J12
81
R3
T2
K10 L10 M13
-
59
J12
81
K10
PD12
I/O
FT_fha
-
TIM4_CH1, I2C4_SCL,
USART3_RTS_DE,
LCD_R7,
TSC_G6_IO3,
FMC_ALE/FMC_A17,
SAI2_FS_A,
LPTIM2_IN1,
EVENTOUT
ADC4_IN16
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More