| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8AF/P638A Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF/P638A Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 116 page ![]() DocID031156 Rev 1 35/116 STM8AF6388 Pinouts and pin description 114 22 18 - - VREF+ S- - - - - - - ADC positive reference voltage - 23 19 13 9 VDDA S - - - - - - - Analog power supply - 24 20 14 10 VSSA S - - - - - - - Analog ground - 25 21 - - VREF- S- - - - - - - ADC negative reference voltage - 26 22 - - PF0/AIN10 I/O X X- - O1 X X Port F0 Analog input 10 - 27 23 15 - PB7/AIN7 I/O X XX - O1 X X Port B7 Analog input 7 - 28 24 16 - PB6/AIN6 I/O X XX - O1 X X Port B6 Analog input 6 - 29 25 17 11 PB5/AIN5 I/O X XX - O1 X X Port B5 Analog input 5 I2C_SDA [AFR6] 30 26 18 12 PB4/AIN4 I/O X XX - O1 X X Port B4 Analog input 4 I2C_SCL [AFR6] 31 27 19 13 PB3/AIN3 I/O X XX - O1 X X Port B3 Analog input 3 TIM1_ETR [AFR5] 32 28 20 14 PB2/AIN2 I/O X XX - O1 X X Port B2 Analog input TIM1_CH3N [AFR5] 33 29 21 15 PB1/AIN1 I/O X XX - O1 X X Port B1 Analog input 1 TIM1_CH2N [AFR5] 34 30 22 16 PB0/AIN0 I/O X XX - O1 X X Port B0 Analog input 0 TIM1_CH1N [AFR5] 35 - - - PH4/TIM1_ETR I/O X X- - O1 X X Port H4 Timer 1 - trigger input - 36 - - - PH5/ TIM1_CH3N I/O X X- - O1 X X Port H5 Timer 1 - inverted channel 3 - 37 - - - PH6/ TIM1_CH2N I/O X X- - O1 X X Port H6 Timer 1 - inverted channel 2 - 38 - - - PH7/ TIM1_CH1N I/O X X- - O1 X X Port H7 Timer 1 - inverted channel 2 - Table 9. STM8AF6388 pin description (continued) Pin number Pin name Input Output Main function (after reset) Default alternate function Alternate function after remap [option bit] |