| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8AF/P638A Fiches technique(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF/P638A Fiches technique(HTML) 76 Page - STMicroelectronics |
|
76 / 116 page ![]() Electrical characteristics STM8AF6388 76/116 DocID031156 Rev 1 Figure 25. Typical pull-up current Ipu vs VDD @ four temperatures(1) 1. The pull-up is a pure resistor (slope goes through 0). Typical output level curves Figure 26 to Figure 35 show typical output level curves measured with output on a single pin. 0 20 40 60 80 100 120 140 0123 456 V DD [V] -40°C 25°C 85°C 125°C Figure 26. Typ. VOL @ VDD = 3.3 V (standard ports) Figure 27. Typ. VOL @ VDD = 5.0 V (standard ports) 0 0.25 0.5 0.75 1 1.25 1.5 0 1 23 45 6 7 I OL [mA] -40°C 25°C 85°C 125°C 0 0.25 0.5 0.75 1 1.25 1.5 02 46 8 10 12 I OL [mA] -40°C 25°C 85°C 125°C Figure 28. Typ. VOL @ VDD = 3.3 V (true open drain ports) Figure 29. Typ. VOL @ VDD = 5.0 V (true open drain ports) 0 0.25 0.5 0.75 1 1.25 1.5 1.75 2 02 46 8 10 12 14 I OL [mA] -40°C 25°C 85°C 125°C 0 0.25 0.5 0.75 1 1.25 1.5 1.75 2 0 5 10 15 20 25 I OL [mA] -40°C 25°C 85°C 125°C |