Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U595AI Fiches technique(PDF) 148 Page - STMicroelectronics

No de pièce STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Fiches technique(HTML) 148 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 144Page - STMicroelectronics STM32U595AI Datasheet HTML 145Page - STMicroelectronics STM32U595AI Datasheet HTML 146Page - STMicroelectronics STM32U595AI Datasheet HTML 147Page - STMicroelectronics STM32U595AI Datasheet HTML 148Page - STMicroelectronics STM32U595AI Datasheet HTML 149Page - STMicroelectronics STM32U595AI Datasheet HTML 150Page - STMicroelectronics STM32U595AI Datasheet HTML 151Page - STMicroelectronics STM32U595AI Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 377 page
background image
63
99
E4
143
C11
T12
B4
R4
J15
63
99
E4
143
B4
VSS
S
-
-
-
-
64 100
J9
144
B12
AC7
A3
A24
-
64
100
J9
144
A3
VDD
S
-
-
-
-
-
-
-
-
-
-
-
A26
--
---
-
VDD
S
-
-
-
-
-
-
-
-
B2
B2
-
A4
E11
-
-
-
-
-
VDD11
S
-
-
-
-
-
-
-
-
-
-
F10
B7
D11
-
-
-
-
F10
PH2
I/O
FT_h
-
OCTOSPIM_P1_IO4,
EVENTOUT
-
-
-
-
-
-
-
E10 E10 C12
-
-
-
-
E10
PH4
I/O
FT_fh
-
I2C5_SDA, I2C2_SCL,
OCTOSPIM_P2_DQS,
PSSI_D14,
EVENTOUT
-
-
-
-
-
-
-
F9
F13 B12
-
-
-
-
F9
PH5
I/O
FT_f
-
I2C5_SCL, I2C2_SDA,
DCMI_PIXCLK/PSSI_P
DCK, EVENTOUT
-
-
-
-
-
-
-
E11 H15 C11
-
-
-
-
E11
PH6
I/O
FT_hv
-
I2C5_SMBA,
I2C2_SMBA,
OCTOSPIM_P2_CLK,
DCMI_D8/PSSI_D8,
EVENTOUT
-
-
-
-
-
-
-
F8
E12 B11
-
-
-
-
F8
PH7
I/O
FT_fhv
-
I2C3_SCL,
OCTOSPIM_P2_NCLK
, DCMI_D9/PSSI_D9,
EVENTOUT
-
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More