Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U595AI Fiches technique(PDF) 145 Page - STMicroelectronics

No de pièce STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Fiches technique(HTML) 145 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 141Page - STMicroelectronics STM32U595AI Datasheet HTML 142Page - STMicroelectronics STM32U595AI Datasheet HTML 143Page - STMicroelectronics STM32U595AI Datasheet HTML 144Page - STMicroelectronics STM32U595AI Datasheet HTML 145Page - STMicroelectronics STM32U595AI Datasheet HTML 146Page - STMicroelectronics STM32U595AI Datasheet HTML 147Page - STMicroelectronics STM32U595AI Datasheet HTML 148Page - STMicroelectronics STM32U595AI Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 377 page
background image
57
91
D6
134
A9
A9
C6
C18
B5
57
91
D6
135
C6
PB5
I/O FT_havc
-
LPTIM1_IN1,
TIM3_CH2,
OCTOSPIM_P1_NCLK
, I2C1_SMBA,
SPI1_MOSI,
SPI3_MOSI(boot),
USART1_CK,
UART5_CTS,
TSC_G2_IO2,
DCMI_D10/PSSI_D10,
COMP2_OUT,
SAI1_SD_B,
TIM16_BKIN,
EVENTOUT
UCPD1_
DBCC1,
WKUP6
58
92
A5
135
E9
D8
B5
A18
A4
58
92
A5
136
B5
PB6
I/O
FT_fa
-
LPTIM1_ETR,
TIM4_CH1,
TIM8_BKIN2,
I2C1_SCL(boot),
I2C4_SCL,
MDF1_SDI5,
USART1_TX,
TSC_G2_IO3,
DCMI_D5/PSSI_D5,
SAI1_FS_B,
TIM16_CH1N,
EVENTOUT
COMP2_
INP2,
WKUP3
Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More