| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32U545CE Fiches technique(PDF) 181 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U545CE Fiches technique(HTML) 181 Page - STMicroelectronics |
|
181 / 283 page ![]() DS14216 Rev 1 181/283 STM32U545xx Electrical characteristics 258 APB1 1.18 1.10 0.99 0.90 - 0.64 0.55 0.46 0.34 - µA/ MHz CRS 0.37 0.34 0.31 0.28 - 0.20 0.17 0.14 0.10 - FDCAN1 5.29 4.84 4.41 4.04 - 2.84 2.41 2.04 1.49 - FDCAN1 indep(1) 2.89 2.67 2.43 2.17 - 1.56 1.32 1.12 0.82 - I2C1 0.90 0.82 0.75 0.68 - 0.49 0.41 0.34 0.25 - I2C1 indep(1) 2.18 1.99 1.81 1.63 - 1.19 1.00 0.84 0.61 - I2C2 3.08 2.80 2.56 2.30 - 1.66 1.40 1.18 0.86 - I2C2 indep(1) 2.24 2.05 1.86 1.68 - 1.21 1.02 0.86 0.63 - I2C4 0.94 0.87 0.79 0.71 - 0.52 0.44 0.37 0.27 - I2C4 indep(1) 2.28 2.09 1.89 1.71 - 1.24 1.04 0.88 0.64 - LPTIM2 1.66 1.51 1.39 1.25 - 0.89 0.76 0.64 0.47 - LPTIM2 indep(1) 4.15 3.79 3.45 3.11 - 2.24 1.90 1.61 1.17 - SPI2 1.82 1.66 1.51 1.36 - 0.97 0.83 0.71 0.51 - SPI2 indep(1) 0.63 0.57 0.51 0.47 - 0.33 0.28 0.24 0.18 - TIM2 4.27 3.91 3.57 3.21 - 2.29 1.95 1.65 1.20 - TIM3 4.03 3.69 3.37 3.03 - 2.16 1.84 1.56 1.14 - TIM4 4.09 3.74 3.41 3.06 - 2.18 1.86 1.58 1.15 - TIM5 3.92 3.59 3.27 2.94 - 2.10 1.79 1.52 1.11 - TIM6 0.93 0.85 0.78 0.69 - 0.50 0.42 0.36 0.26 - TIM7 0.91 0.83 0.76 0.68 - 0.49 0.42 0.35 0.26 - UART4 2.03 1.85 1.68 1.51 - 1.08 0.93 0.78 0.57 - UART4 indep(1) 3.54 3.23 2.93 2.64 - 1.91 1.62 1.36 0.99 - UART5 2.11 1.92 1.75 1.57 - 1.13 0.97 0.81 0.59 - UART5 indep(1) 3.54 3.23 2.94 2.64 - 1.91 1.62 1.37 0.99 - USART3 2.35 2.14 1.95 1.75 - 1.26 1.07 0.90 0.66 - USART3 indep(1) 4.36 3.97 3.62 3.25 - 2.33 1.98 1.68 1.22 - WWDG 0.37 0.34 0.31 0.28 - 0.20 0.17 0.14 0.11 - Table 72. Typical dynamic current consumption of peripherals (continued) Bus Peripheral LDO SMPS Unit Range 1 Range 2 Range 3 Range 4 Stop 1/2 Range 1 Range 2 Range 3 Range 4 Stop 1/2 |