| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32U545CE Fiches technique(PDF) 180 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U545CE Fiches technique(HTML) 180 Page - STMicroelectronics |
|
180 / 283 page ![]() Electrical characteristics STM32U545xx 180/283 DS14216 Rev 1 GPIOB 0.04 0.04 0.03 0.03 - 0.03 0.02 0.01 0.01 - µA/ MHz GPIOC 0.15 0.14 0.13 0.11 - 0.09 0.07 0.06 0.04 - GPIOD 0.05 0.05 0.05 0.04 - 0.03 0.02 0.02 0.01 - GPIOE 0.06 0.05 0.05 0.04 - 0.03 0.03 0.02 0.02 - GPIOG 0.22 0.20 0.18 0.16 - 0.12 0.10 0.08 0.06 - GPIOH 0.09 0.08 0.07 0.07 - 0.05 0.04 0.03 0.02 - HASH1 1.37 1.25 1.13 1.03 - 0.74 0.62 0.53 0.38 - OCTOSPI1 1.02 0.93 0.84 0.76 - 0.55 0.46 0.39 0.29 - OCTOSPI1 indep(1) 1.08 0.97 0.88 0.79 - 0.58 0.49 0.41 0.30 - OTFDEC1 2.01 1.83 1.66 1.49 - 1.09 0.91 0.77 0.56 - PKA 7.09 6.48 5.89 5.31 - 3.82 3.24 2.74 2.00 - RNG 0.96 0.88 0.80 0.72 - 0.52 0.44 0.37 0.27 - RNG indep(1) 0.08 0.06 0.06 0.05 - 0.04 0.04 0.03 0.03 - SAES 3.34 3.05 2.77 2.50 - 1.80 1.52 1.29 0.94 - SDMMC1 11.98 10.95 9.95 9.05 - 6.46 5.45 4.63 3.37 - SDMMC1 indep(1) 1.37 1.26 1.13 0.01 - 0.76 0.63 0.53 0.01 - SRAM2 1.23 1.12 1.01 0.91 - 0.66 0.56 0.48 0.34 - ADC4 1.52 1.39 1.26 1.13 1.37 0.82 0.69 0.59 0.43 0.52 ADC4 indep(1) 2.07 1.90 1.71 1.55 1.56 1.12 0.95 0.81 0.58 0.59 ADF1 1.16 1.06 0.96 0.87 1.11 0.63 0.53 0.45 0.33 0.42 ADF1 indep(1) 0.44 0.40 0.36 0.33 0.28 0.24 0.20 0.17 0.12 0.10 AHB3 0.29 0.28 0.26 0.23 - 0.17 0.15 0.12 0.09 - DAC1 1.75 1.60 1.45 1.31 1.55 0.95 0.80 0.68 0.49 0.59 DAC1 indep(1) 0.99 0.89 0.81 0.73 0.74 0.53 0.45 0.38 0.27 0.28 GTZC2 0.16 0.16 0.14 0.13 - 0.09 0.08 0.07 0.05 - LPDMA1 0.35 0.32 0.29 0.26 0.49 0.19 0.16 0.14 0.10 0.19 LPGPIO1 0.06 0.05 0.05 0.04 0.27 0.03 0.03 0.02 0.02 0.11 PWR 0.24 0.22 0.19 0.18 - 0.13 0.11 0.09 0.07 - SRAM4 0.46 0.43 0.39 0.35 0.23 0.25 0.21 0.18 0.13 0.09 Table 72. Typical dynamic current consumption of peripherals (continued) Bus Peripheral LDO SMPS Unit Range 1 Range 2 Range 3 Range 4 Stop 1/2 Range 1 Range 2 Range 3 Range 4 Stop 1/2 |