Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H7B0AB Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STM32H7B0AB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0AB Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STM32H7B0AB Datasheet HTML 31Page - STMicroelectronics STM32H7B0AB Datasheet HTML 32Page - STMicroelectronics STM32H7B0AB Datasheet HTML 33Page - STMicroelectronics STM32H7B0AB Datasheet HTML 34Page - STMicroelectronics STM32H7B0AB Datasheet HTML 35Page - STMicroelectronics STM32H7B0AB Datasheet HTML 36Page - STMicroelectronics STM32H7B0AB Datasheet HTML 37Page - STMicroelectronics STM32H7B0AB Datasheet HTML 38Page - STMicroelectronics STM32H7B0AB Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 205 page
background image
5
Pin descriptions
Figure 4. LQFP64 (STM32H7B0xB without SMPS) pinout
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
2
VBAT
PC14-OSC32_IN
PC15-OSC32_OUT
PH0-OSC_IN
PH1-OSC_OUT
NRST
PC0
PC1
PC2
PC3
VSSA
VDDA
PA0
PA1
PA2
PC13
48
46
45
44
43
42
41
40
39
38
37
36
35
34
33
47
VDD
VCAP
PA13
PA12
PA11
PA10
PA9
PA8
PC9
PC7
PC6
PB15
PB14
PB13
PB12
VSS
LQFP64
1.
The above figure shows the package top view.
STM32H7B0xB
Pin descriptions
DS13196 - Rev 7
page 35/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More