Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H7B0AB Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce STM32H7B0AB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0AB Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button STM32H7B0AB Datasheet HTML 40Page - STMicroelectronics STM32H7B0AB Datasheet HTML 41Page - STMicroelectronics STM32H7B0AB Datasheet HTML 42Page - STMicroelectronics STM32H7B0AB Datasheet HTML 43Page - STMicroelectronics STM32H7B0AB Datasheet HTML 44Page - STMicroelectronics STM32H7B0AB Datasheet HTML 45Page - STMicroelectronics STM32H7B0AB Datasheet HTML 46Page - STMicroelectronics STM32H7B0AB Datasheet HTML 47Page - STMicroelectronics STM32H7B0AB Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 205 page
background image
Pin/ball name(1) (2)
Pin name
(function after
reset)
Pin type
I/O
structure
Alternate functions
Additional functions
N1
R2
16
24
36
42
PA2
I/O
FT_a
TIM2_CH3, TIM5_CH3, TIM15_CH1,
DFSDM2_CKIN1, USART2_TX,
SAI2_SCK_B, MDIOS_MDIO, LCD_R1,
EVENTOUT
ADC1_INP14,
WKUP2
N2
N4
-
-
-
43
PH2
I/O
FT_h2
LPTIM1_IN2, OCTOSPIM_P1_IO4,
SAI2_SCK_B, FMC_SDCKE0, LCD_R0,
EVENTOUT
-
M1
G4
-
-
-
-
VDD
S
-
-
-
M2
F7
-
-
-
-
VSS
S
-
-
-
M3
R4
-
-
-
44
PH3
I/O
FT_ah2
OCTOSPIM_P1_IO5, SAI2_MCK_B,
FMC_SDNE0, LCD_R1, EVENTOUT
-
-
P4
-
-
-
45
PH4
I/O
FT_fa
I2C2_SCL, LCD_G5,
OTG_HS_ULPI_NXT, PSSI_D14,
LCD_G4, EVENTOUT
-
-
R5
-
-
-
46
PH5
I/O
FT_fa
I2C2_SDA, SPI5_SS, FMC_SDNWE,
EVENTOUT
-
N3
N5
17
25
37
47
PA3
I/O
FT_ah1
TIM2_CH4, TIM5_CH4,
OCTOSPIM_P1_CLK, TIM15_CH2,
I2S6_MCK, USART2_RX, LCD_B2,
OTG_HS_ULPI_D0, LCD_B5,
EVENTOUT
ADC1_INP15
M4
F8
18
26
38
48
VSS
S
-
-
-
N4
H12
19
27
39
49
VDD
S
-
-
-
H6
P5
20
28
40
50
PA4
I/O
TT_a
TIM5_ETR, SPI1_SS/I2S1_WS,
SPI3_SS/I2S3_WS, USART2_CK,
SPI6_SS/I2S6_WS, DCMI_HSYNC/
PSSI_DE, LCD_VSYNC, EVENTOUT
ADC1_INP18,
DAC1_OUT1
L4
P6
21
29
41
51
PA5
I/O
TT_ah0
PWR_NDSTOP2, TIM2_CH1/
TIM2_ETR, TIM8_CH1N, SPI1_SCK/
I2S1_CK, SPI6_SCK/I2S6_CK,
OTG_HS_ULPI_CK, PSSI_D14,
LCD_R4, EVENTOUT
ADC1_INP19,
ADC1_INN18,
DAC1_OUT2
K5
R7
22
30
42
52
PA6
I/O
TT_ah1
TIM1_BKIN, TIM3_CH1,
TIM8_BKIN, SPI1_MISO/I2S1_SDI,
OCTOSPIM_P1_IO3, SPI6_MISO/
I2S6_SDI, TIM13_CH1,
TIM8_BKIN_COMP12, MDIOS_MDC,
TIM1_BKIN_COMP12, DCMI_PIXCLK/
PSSI_PDCK, LCD_G2, EVENTOUT
ADC12_INP3,
DAC2_OUT1
J6
N6
23
31
43
53
PA7
I/O
FT_ah1
TIM1_CH1N, TIM3_CH2, TIM8_CH1N,
DFSDM2_DATIN1, SPI1_MOSI/
I2S1_SDO, SPI6_MOSI/I2S6_SDO,
TIM14_CH1, OCTOSPIM_P1_IO2,
FMC_SDNWE, LCD_VSYNC,
EVENTOUT
ADC12_INP7,
ADC12_INN3,
OPAMP1_VINM
K6
R6
24
32
44
54
PC4
I/O
FT_a
DFSDM1_CKIN2, I2S1_MCK,
SPDIFRX1_IN2, FMC_SDNE0,
LCD_R7, EVENTOUT
ADC12_INP4,
OPAMP1_VOUT,
COMP1_INM
N5
M7
25
33
45
55
PC5
I/O
FT_ah1
SAI1_D3, DFSDM1_DATIN2, PSSI_D15,
SPDIFRX1_IN3, OCTOSPIM_P1_DQS,
FMC_SDCKE0, COMP1_OUT, LCD_DE,
EVENTOUT
ADC12_INP8,
ADC12_INN4,
OPAMP1_VINM
N7
K4
-
-
-
-
VDD
S
-
-
-
M7
F9
-
-
-
-
VSS
S
-
-
-
STM32H7B0xB
Pin descriptions
DS13196 - Rev 7
page 44/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More