Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STG5678BJR Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce STG5678BJR
Description  Low voltage dual SPDT switch with negative rail capability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5678BJR Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button STG5678BJR Datasheet HTML 14Page - STMicroelectronics STG5678BJR Datasheet HTML 15Page - STMicroelectronics STG5678BJR Datasheet HTML 16Page - STMicroelectronics STG5678BJR Datasheet HTML 17Page - STMicroelectronics STG5678BJR Datasheet HTML 18Page - STMicroelectronics STG5678BJR Datasheet HTML 19Page - STMicroelectronics STG5678BJR Datasheet HTML 20Page - STMicroelectronics STG5678BJR Datasheet HTML 21Page - STMicroelectronics STG5678BJR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Package mechanical data
STG5678
18/23
Doc ID 14580 Rev 3
Figure 16.
Package outline for Flip-chip 12 with back side coating
Table 10.
Mechanical data for Flip-chip 12 with back side coating
Symbol
Millimeters
Min
Typ
Max
A
0.595
0.65
0.705
A1
0.165
0.20
0.235
A2
0.38
0.4
0.42
b
0.215
0.255
0.295
D
1.568
1.598
1.628
D1
–
1.2
–
E
1.168
1.198
1.228
E1
–
0.8
–
e
0.36
0.4
0.44
f
0.189
0.199
0.209
ccc
–
0.05
–
N5_ME
A
B
C
4
$



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23