Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STG5678BJR Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STG5678BJR
Description  Low voltage dual SPDT switch with negative rail capability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5678BJR Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STG5678BJR Datasheet HTML 9Page - STMicroelectronics STG5678BJR Datasheet HTML 10Page - STMicroelectronics STG5678BJR Datasheet HTML 11Page - STMicroelectronics STG5678BJR Datasheet HTML 12Page - STMicroelectronics STG5678BJR Datasheet HTML 13Page - STMicroelectronics STG5678BJR Datasheet HTML 14Page - STMicroelectronics STG5678BJR Datasheet HTML 15Page - STMicroelectronics STG5678BJR Datasheet HTML 16Page - STMicroelectronics STG5678BJR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
STG5678
Test circuit
Doc ID 14580 Rev 3
13/23
Figure 8.
Channel-to-channel crosstalk
2.
CL = 5/35 pF or equivalent (includes jig and probe capacitance)
3.
RL =50 Ω or equivalent
4.
RT =ZOUT of pulse generator (typically 50 Ω)
Figure 9.
Test circuit
CS14091



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23