Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC652DB Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce 74LVC652DB
Description  Octal transceiver/register with dual enable 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC652DB Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button 74LVC652DB Datasheet HTML 6Page - NXP Semiconductors 74LVC652DB Datasheet HTML 7Page - NXP Semiconductors 74LVC652DB Datasheet HTML 8Page - NXP Semiconductors 74LVC652DB Datasheet HTML 9Page - NXP Semiconductors 74LVC652DB Datasheet HTML 10Page - NXP Semiconductors 74LVC652DB Datasheet HTML 11Page - NXP Semiconductors 74LVC652DB Datasheet HTML 12Page - NXP Semiconductors 74LVC652DB Datasheet HTML 13Page - NXP Semiconductors 74LVC652DB Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Philips Semiconductors
Product specification
74LVC652
Octal transceiver/register with dual enable (3-State)
1998 Jul 29
13
TSSOP24:
plastic thin shrink small outline package; 24 leads; body width 4.4 mm
SOT355-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14