| Moteur de recherche de fiches techniques de composants électroniques |
|
AMW006 Fiches technique(PDF) 21 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
AMW006 Fiches technique(HTML) 21 Page - Silicon Laboratories |
|
21 / 37 page ![]() Design Guidelines ADS-MWx06-111R AMWx06 Datasheet Page |15 © 2014-2019 Zentri http://www.zentri.com June 26, 2019 6.6.3 Chip Antenna The AMWx06 is certified for use with a chip antenna from Johanson, part number 2450AT42A100E. Be sure to follow the antenna layout design guidelines in the antenna datasheet. Figure 11 – Chip antenna layout example 6.6.4 Monopole Antenna A u.FL connector layout such as the one shown below can be used to connect the whip antenna(s). Figure 12 - u.FL connector layout Suitable monopole antennas include the ACA_1SSRPP_2400 and ACA_4HSRPP_2458, both of which are available online at http://ack.me. Figure 13 - ACA- 1SSRPP-2400 Figure 14 - ACA- 4HSRPP-2458 |