Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMW006 Fiches technique(PDF) 4 Page - Silicon Laboratories

No de pièce AMW006
Description  This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW006 Fiches technique(HTML) 4 Page - Silicon Laboratories

  AMW006 Datasheet HTML 1Page - Silicon Laboratories AMW006 Datasheet HTML 2Page - Silicon Laboratories AMW006 Datasheet HTML 3Page - Silicon Laboratories AMW006 Datasheet HTML 4Page - Silicon Laboratories AMW006 Datasheet HTML 5Page - Silicon Laboratories AMW006 Datasheet HTML 6Page - Silicon Laboratories AMW006 Datasheet HTML 7Page - Silicon Laboratories AMW006 Datasheet HTML 8Page - Silicon Laboratories AMW006 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
AMWx06 Datasheet
ADS-MWx06-111R AMWx06 Datasheet
Page |iv
© 2014-2019 Zentri http://www.zentri.com
June 26, 2019
ZentriOS-W/ZentriOS-WZ Firmware Features
The ZentriOS-W/ZentriOS-WZ firmware supplied with
the AMWx06 provides a wide range of features beyond
the underlying hardware, and supports application
development via its command API.
For complete documentation of ZentriOS-W, see:
https://docs.zentri.com/zentrios/w/latest/
The AMW106 supports ZentriOS-WZ firmware, which
adds support for developing ZentriOS apps (ZAPs).
For complete documentation of ZentriOS-WZ, see:
https://docs.zentri.com/zentrios/wz/latest/
Software APIs
 ZentriOS-W command API
 ZentriOS-WZ command API
 ZentriOS-WZ SDK and native API
Interfaces
 Serial (UART, remote terminal)
 SoftAP and WLAN client (concurrent)
 I2C master
 SPI master
Servers
 TCP/TLS, UDP, HTTP(S), DHCP, DNS
 HTTP(S) Server with RESTful API and
Websockets
 Fully customizable mobile responsive Web
application with JavaScript and Python libraries
Clients
 TCP/TLS, UDP, NTP, Secure-SMTP, DHCP, DNS
 HTTP(S) client
 Websocket client
Setup
 Multiple Wi-Fi setup options, including via serial
command and Web setup with SoftAP
Peripherals and Sensors
 GPIOs for control, indication and monitoring
 I2C-master API for interfacing to external
peripherals
 SPI-master API for interfacing to external
peripherals
 Automated broadcast and streaming of sensor
data
 Local caching of sensor data
Update and Recovery
Wireless OTA (Over-the-Air) update to remote
manage firmware using the Zentri DMS (Device
Management Service)
System Management
 System configuration and monitoring via setting
and getting a wide range of variables
 Configurable power states
Sleep/wake timers
File System
 Read/write file system with appendable log
files
 Storage of large files
 Optional additional bulk serial flash
 HTTP download to file system, HTTP upload
from file system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37