Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FT-R43 Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers

No de pièce FT-R43
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

FT-R43 Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button FT-R43 Datasheet HTML 9Page - List of Unclassifed Manufacturers FT-R43 Datasheet HTML 10Page - List of Unclassifed Manufacturers FT-R43 Datasheet HTML 11Page - List of Unclassifed Manufacturers FT-R43 Datasheet HTML 12Page - List of Unclassifed Manufacturers FT-R43 Datasheet HTML 13Page - List of Unclassifed Manufacturers FT-R43 Datasheet HTML 14Page - List of Unclassifed Manufacturers FT-R43 Datasheet HTML 15Page - List of Unclassifed Manufacturers FT-R43 Datasheet HTML 16Page - List of Unclassifed Manufacturers FT-R43 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
151 DigitalFiberSensorFX-300SERIES
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Model No.
Sensing range (mm in) (Note 1)
Dimensions
FX-301B / 311B
FX-301G / 311G
FX-301H (Note 2)
LONG
STD
FAST
LONG
STD
FAST
LONG
STD
FAST
FT-R43
96 3.780
50 1.969
33 1.299
53 2.087
25 0.984
17 0.669
55 2.165
27 1.063
18 0.709
P.54
FT-R44Y
96 3.780
50 1.969
33 1.299
53 2.087
25 0.984
17 0.669
55 5.165
27 1.063
18 0.709
P.55
FT-R60Y
250 9.843
120 4.724
80 3.150
140 5.512
70 2.756
50 1.969
60 2.362
90 3.543
170 6.693
P.55
FT-S11
12 0.472
5 0.197
4 0.157
5 0.197
2.5 0.098
1.5 0.059
21 0.827
10 0.394
7 0.276
P.55
FT-S20
55 2.165
28 1.102
18 0.709
28 1.102
13 0.512
9 0.354
25 0.984
13 0.512
9 0.354
P.55
FT-S21
50 1.969
25 0.984
16 0.630
24 0.945
12 0.472
8 0.315
23 0.906
11 0.433
8 0.315
P.55
FT-S21W
31 1.220
15 0.591
10 0.394
15 0.591
8 0.315
5 0.197
18 0.709
8 0.315
5 0.197
P.55
FT-S30
155 6.102
76 2.992
45 1.772
90 3.543
40 1.575
26 1.024
80 3.150
43 1.693
27 1.063
P.55
FT-S31W
110 4.331
50 1.969
30 1.181
56 2.205
28 1.102
20 0.787
64 2.520
32 1.260
21 0.827
P.55
FT-S32
420 16.535
200 7.874
130 5.118
220 8.661
100 3.937
72 2.835
210 8.268
100 3.937
67 2.638
P.55
FT-V23
65 2.559
26 1.024
18 0.709
26 1.024
13 0.512
8 0.315
29 1.142
13 0.512
9 0.354
P.55
FT-V24W
6 0.236
2 0.079
–
3 0.118
–
–
3 0.118
–
–
P.56
FT-V25
25 0.984
12 0.472
9 0.354
16 0.630
7 0.276
5 0.197
15 0.591
8 0.315
4 0.157
P.56
FT-V30
80 3.150
40 1.575
22 0.866
40 1.575
14 0.551
8 0.315
47 1.850
19 0.748
9 0.354
P.56
FT-V40
400 15.748
200 7.874
130 5.118
200 7.874
100 3.937
65 2.559
290 11.417
140 5.512
92 3.622
P.56
FT-V80Y
120 4.724
60 2.362
35 1.378
80 3.150
40 1.575
25 0.984
75 2.953
38 1.496
24 0.945
P.56
FT-Z20HBW
39 1.535
19 0.748
12 0.472
20 0.787
10 0.394
6 0.236
40 1.575
15 0.591
12 0.472
P.56
FT-Z20W
82 3.228
37 1.457
23 0.906
44 1.732
18 0.709
11 0.433
100 3.937
50 1.969
32 1.260
P.56
FT-Z30
120 4.724
60 2.362
40 1.575
96 3.780
45 1.772
30 1.181
140 5.512
72 2.835
47 1.850
P.56
FT-Z30E
540 21.260
250 9.843
170 6.693
270 10.630
130 5.118
91 3.583
280 11.024
140 5.512
88 3.465
P.56
FT-Z30EW
540 21.260
260 10.236
170 6.693
260 10.236
120 4.724
88 3.465
290 11.417
140 5.512
92 3.622
P.57
FT-Z30H
650 25.591
310 12.205
200 7.874
340 13.386
160 6.299
110 4.331
330 12.992
160 6.299
100 3.937
P.57
FT-Z30HW
540 21.260
260 10.236
170 6.693
260 10.236
120 4.724
88 3.465
290 11.417
140 5.512
92 3.622
P.57
FT-Z30W
83 3.268
40 1.575
25 0.984
73 2.874
36 1.417
25 0.984
100 3.937
52 2.047
34 1.339
P.57
FT-Z40HBW
110 4.331
50 1.969
30 1.181
56 2.205
28 1.102
20 0.787
64 2.520
32 1.260
21 0.827
P.57
FT-Z40W
180 7.087
90 3.543
60 2.362
90 3.543
50 1.969
35 1.378
100 3.937
50 1.969
30 1.181
P.57
FT-Z802Y
320 12.598
160 6.299
120 4.724
160 6.299
80 3.150
60 2.362
320 12.598
160 6.299
120 4.724
P.57
Thru-beam type (One pair set)
Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber.
SENSING RANGE OF BLUE LED / GREEN LED / INFRARED LED
Notes: 1) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
2) Because infrared types are easily affected by humidity, please ask assistance when using them in a humid environment or in an environment with
varying humidity.
Retroreflective type
Model No.
Sensing range (mm in) (Note 1, 2)
Dimensions
FX-301B / 311B
FX-301G / 311G
FX-301H
LONG
STD
FAST
LONG
STD
FAST
LONG
STD
FAST
FR-KZ22E
–
–
–
–
–
–
–
–
–
P.58
FR-KZ50E
20 to 160 0.787to6.299 20 to 100 0.787to3.937 20 to 60 0.787to2.362 20 to 110 0.787to4.331 20 to 54 0.787to2.126
– 20 to 100 0.787to3.937 20 to 33 0.787to1.299 –
P.58
FR-KZ50H
20 to 140 0.787to5.512 20 to 70 0.787to2.76 20 to 52 0.787to2.047 20 to 90 0.787to3.543 20 to 40 0.787to1.575
– 20 to 80 0.787to3.150 20 to 43 0.787to1.693 –
P.58
FR-Z50HW
–
–
–
–
–
– 100 to 410 3.937to16.142 –
–
P.58
Notes: 1) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
2) The sensing range is the possible setting range for the attached reflector. The fiber can detect an object less than setting range for the reflector.
However, note that if there are any white or highly-reflective surfaces near the fiber head, reflected incident light may affect the fiber head. If this occurs,
adjust the threshold value of the amplifier unit before use.
Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28