Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FT-R43 Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce FT-R43
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

FT-R43 Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FT-R43 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT-R43 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT-R43 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT-R43 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT-R43 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT-R43 Datasheet HTML 9Page - List of Unclassifed Manufacturers FT-R43 Datasheet HTML 10Page - List of Unclassifed Manufacturers FT-R43 Datasheet HTML 11Page - List of Unclassifed Manufacturers FT-R43 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Digital Fiber Sensor
FX-300 SERIES
146
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
FX-301 / FX-305 (Red LED type) sensing range (Note 1)
The
FX-305 and FX-301(-HS) have different sensing modes.
FX-305: H-SP, FAST, STD, STDF, LONG, U-LG (no S-D mode)
FX-301(-HS): S-D, H-SP (Note 1), FAST, STD, LONG (no STDF or U-LG mode)
Thru-beam type (one pair set)
Model No.
Sensing range (mm in) (Note 2)
Dimensions
Red LED
U-LG
LONG
STDF
STD
FAST
H-SP
S-D
FT-R31
340 13.386
290 11.417
150
5.906
130
5.118
95
3.740
49
1.929
49
1.929
P.54
FT-R40
1,000 39.370
710 27.953
470 18.504
330 12.992
240
9.449
130
5.118
130
5.118
P.54
FT-R41W
1,000 39.370
710 27.953
460 18.110
330 12.992
240
9.449
130
5.118
130
5.118
P.54
FT-R42W
2,800 110.236
1,600 62.992
890 35.039
770 30.315
560 22.047
310 12.205
320 12.598
P.54
FT-R43
1,000 39.370
710 27.953
450 17.717
290 11.417
210
8.268
110
4.331
110
4.331
P.54
FT-R44Y
1,000 39.370
710 27.958
450 17.717
290 11.417
210
8.268
110
4.330
110
4.330
P.55
FT-R60Y
2,650 104.330
1,800 70.866
1,200 47.244
830 32.677
610 24.016
335 13.189
350 13.780
P.55
FT-S11
100
3.937
80
3.150
50
1.969
31
1.220
22
0.866
13
0.512
14
0.551
P.55
FT-S20
450 17.717
310 12.205
210
8.268
150
5.906
110
4.331
60
2.362
60
2.362
P.55
FT-S21
440 17.323
290 11.417
200
7.874
142
5.591
105
4.134
58
2.283
49
1.929
P.55
FT-S21W
300 11.811
230
9.055
130
5.118
100
3.937
65
2.559
30
1.181
30
1.181
P.55
FT-S30
1,300 51.181
900 35.433
600 23.622
450 17.717
330 12.992
180
7.087
180
7.087
P.55
FT-S31W
1,000 39.370
710 27.953
460 18.110
330 12.992
240
9.449
130
5.118
130
5.118
P.55
FT-S32
3,600 141.732
2,400 94.488
1,500 59.055
1,100 43.307
840 33.071
460 18.110
510 20.079
P.55
FT-V23
590 23.228
380 14.961
270 10.630
170
6.693
125
4.921
60
2.362
63
2.480
P.55
FT-V24W
120
4.724
90
3.543
55
2.165
40
1.575
30
1.181
13
0.512
15
0.591
P.56
FT-V25
310 12.205
200
7.874
130
5.118
90
3.543
60
2.362
35
1.378
35
1.378
P.56
FT-V30
620 24.409
420 16.535
270 10.630
200
7.874
140
5.512
70
2.756
70
2.756
P.56
FT-V40
3,600 141.732 (Note 3) 3,600 141.732 (Note 3)
1,600 62.992
1,700 66.929
1,200 47.244
680 26.772
690 27.165
P.56
FT-V80Y
1,000 39.370
800 31.496
500 19.685
400 15.748
280 11.024
120
4.724
140
5.512
P.56
FT-Z20HBW
400 15.748
290 11.417
160
6.299
130
5.118
90
3.543
50
1.969
50
1.969
P.56
FT-Z20W
830 32.677
570 22.441
370 14.567
250
9.843
180
7.087
90
3.543
90
3.543
P.56
FT-Z30
2,600 102.362
1,900 74.803
1,100 43.307
850 33.465
620 24.409
330 12.992
340 13.386
P.56
FT-Z30E
3,600 141.732 (Note 3)
3,100 122.047
2,100 82.677
1,600 62.992
1,100 43.307
650 25.591
670 26.378
P.56
FT-Z30EW
3,600 141.732 (Note 3)
2,700 106.299
1,400 55.118
1,200 47.244
900 35.433
500 19.685
500 19.685
P.57
FT-Z30H
3,600 141.732 (Note 3)
3,100 122.047
2,200 86.614
1,600 62.992
1,100 43.307
650 25.591
670 26.378
P.57
FT-Z30HW
3,600 141.732 (Note 3)
3,100 122.047
2,200 86.614
1,500 59.055
1,000 39.370
590 23.228
610 24.016
P.57
FT-Z30W
2,000 78.740
1,400 55.118
890 35.039
640 25.197
460 18.110
250
9.843
260 10.236
P.57
FT-Z40HBW
1,000 39.370
710 27.953
460 18.110
330 12.992
240
9.449
130
5.118
130
5.118
P.57
FT-Z40W
1,900 74.803
1,300 51.181
900 35.433
630 24.803
460 18.110
240
9.449
260 10.236
P.57
FT-Z802Y
3,500 137.795
3,500 137.795
3,000 118.110
1,500 59.055
1,000 39.370
500 19.685
530 20.866
P.57
Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber.
Notes: 1) Please contact our office about the sensing ranges for
FX-301-HS in H-SP mode.
2) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
3) The fiber cable length practically limits the sensing range.
LIST OF FIBERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28