Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8280CVRFX Fiches technique(PDF) 55 Page - NXP Semiconductors

No de pièce MPC8280CVRFX
Description  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8280CVRFX Fiches technique(HTML) 55 Page - NXP Semiconductors

Back Button MPC8280CVRFX Datasheet HTML 51Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 52Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 53Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 54Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 55Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 56Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 57Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 58Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
Freescale Semiconductor
55
Pinout
PA17/FCC1_MII_HDLC_RXD0/
FCC1_MII_TRAN_RXD/
FCCI_RMII_RXD0
FCC1_UT8_RXD7/
FCC1_UT16_RXD15
AE162
PA18/FCC1_MII_HDLC_TXD0/
FCC1_MII_TRAN_TXD/
FCC1_RMII_TXD0
FCC1_UT8_TXD7/FCC1_UT16_TXD15
AJ162
PA19/FCC1_MII_HDLC_TXD1/
FCC1_RMII_TXD1
FCC1_UT8_TXD6/FCC1_UT16_TXD14
AG152
PA20/FCC1_MII_HDLC_TXD2
FCC1_UT8_TXD5/FCC1_UT16_TXD13
AJ132
PA21/FCC1_MII_HDLC_TXD3
FCC1_UT8_TXD4/FCC1_UT16_TXD12
AE132
PA22
FCC1_UT8_TXD3/FCC1_UT16_TXD11
AF122
PA23
FCC1_UT8_TXD2/FCC1_UT16_TXD10
AG112
PA24/MSNUM1
FCC1_UT8_TXD1/FCC1_UT16_TXD9
AH92
PA25/MSNUM0
FCC1_UT8_TXD0/FCC1_UT16_TXD8
AJ82
PA26/FCC1_RMII_RX_ER
FCC1_UTM_RXCLAV/
FCC1_UTS_RXCLAV
AH72
PA27/FCC1_MII_RX_DV/
FCC1_RMII_CRS_DV
FCC1_UT_RXSOC
AF72
PA28/FCC1_MII_TX_EN/
FCC1_RMII_TX_EN
FCC1_UTM_RXENB/
FCC1_UTS_RXENB
AD52
PA29/FCC1_MII_TX_ER
FCC1_UT_TXSOC
AF1
2
PA30/FCC1_MII_CRS/FCC1_RTS
FCC1_UTM_TXCLAV/
FCC1_UTS_TXCLAV
AD32
PA31/FCC1_MII_COL
FCC1_UTM_TXENB/
FCC1_UTS_TXENB
AB52
PB4/FCC3_MII_HDLC_TXD3/
L1RSYNCA2/FCC3_RTS
FCC2_UT8_RXD0
AD282
PB5/FCC3_MII_HDLC_TXD2/
L1TSYNCA2/L1GNTA2
FCC2_UT8_RXD1
AD262
PB6/FCC3_MII_HDLC_TXD1/
FCC3_RMII_TXD1/
L1RXDA2/L1RXD0A2
FCC2_UT8_RXD2
AD252
PB7/FCC3_MII_HDLC_TXD0/
FCC3_RMII_TXD0/
FCC3_TXD/L1TXDA2/L1TXD0A2
FCC2_UT8_RXD3
AE262
PB8/FCC3_MII_HDLC_RXD0/
FCC3_RMII_RXD0/
FCC3_RXD/TXD3
FCC2_UT8_TXD3/L1RSYNCD1
AH272
PB9/FCC3_MII_HDLC_RXD1/
FCC3_RMII_RXD1/L1TXD2A2
FCC2_UT8_TXD2/L1TSYNCD1/
L1GNTD1
AG242
Table 23. MPC8280 and MPC8270 (ZU and VV Packages) Pinout List (continued)
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83