Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8280CVVBX Fiches technique(PDF) 59 Page - NXP Semiconductors

No de pièce MPC8280CVVBX
Description  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8280CVVBX Fiches technique(HTML) 59 Page - NXP Semiconductors

Back Button MPC8280CVVBX Datasheet HTML 55Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 56Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 57Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 58Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 59Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 60Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 61Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 62Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
Freescale Semiconductor
59
Pinout
PD20/RTS4/TENA4/L1RSYNCA2/
USB_TP
FCC1_UT16_RXD2
AJ142
PD21/TXD4/L1RXD0A2/L1RXDA2/
USB_TN
FCC1_UT16_RXD3
AH132
PD22/RXD4L1TXD0A2/L1TXDA2/
USB_RXD
FCC1_UT16_TXD5
AJ122
PD23/RTS3/TENA3
FCC1_UT16_RXD4/L1RSYNCD1
AE122
PD24/TXD3
FCC1_UT16_RXD5/L1RXDD1
AF102
PD25/RXD3
FCC1_UT16_TXD6/L1TXDD1
AG92
PD26/RTS2/TENA2
FCC1_UT16_RXD6/L1RSYNCC1
AH82
PD27/TXD2
FCC1_UT16_RXD7/L1RXDC1
AG72
PD28/RXD2
FCC1_UT16_TXD7/L1TXDC1
AE42
PD29/RTS1/TENA1
FCC1_UTM_RXADDR3/
FCC1_UTS_RXADDR3/
FCC1_UTM_RXCLAV2/
FCC2_UTM_RXADDR4/
FCC2_UTS_RXADDR1
AG12
PD30/TXD1
FCC2_UTM_TXENB/
FCC2_UTS_TXENB
AD42
PD31/RXD1
AD22
VCCSYN
AB3
VCCSYN1
B9
CLKIN2
AE11
SPARE43
U5
PCI_MODE4
AF25
SPARE63
V4
No connect5
AA1, AG4
I/O power
AG21, AG14, AG8, AJ1, AJ2, AH1,
AH2, AG3, AF4, AE5, AC27, Y27,
T27, P27, K26, G27, AE25, AF26,
AG27, AH28, AH29, AJ28, AJ29, C7,
C14, C16, C20, C23, E10, A28, A29,
B28, B29, C27, D26, E25, H3, M4,
T3, AA4, A1, A2, B1, B2, C3, D4, E5
Table 23. MPC8280 and MPC8270 (ZU and VV Packages) Pinout List (continued)
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83