Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8280CVVBX Fiches technique(PDF) 45 Page - NXP Semiconductors

No de pièce MPC8280CVVBX
Description  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8280CVVBX Fiches technique(HTML) 45 Page - NXP Semiconductors

Back Button MPC8280CVVBX Datasheet HTML 41Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 42Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 43Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 44Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 45Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 46Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 47Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 48Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
Freescale Semiconductor
45
Pinout
8
Pinout
This section provides the pin assignments and pinout lists for both HiP7 PowerQUICC II packages.
8.1
ZU and VV Packages—MPC8280 and MPC8270
The following figures and table represent the standard 480 TBGA package. For information on the
alternate package, see Section 8.2, “VR and ZQ Packages—MPC8275 and MPC8270.”
2 As shown in Table 17, PCI_MODCK determines the PCI clock range. See Table 20 for higher range configurations.
3 MODCK_H = hard reset configuration word [28–31]. MODCK[1-3] = three hardware configuration pins.
4 CPM multiplication factor = CPM clock/PCI clock
5 CPU multiplication factor = Core PLL multiplication factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83