Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RHFL4913KP331 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce RHFL4913KP331
Description  Rad-hard positive fixed voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913KP331 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button RHFL4913KP331 Datasheet HTML 11Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 12Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 13Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 14Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 15Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 16Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 17Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 18Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ST part number
SMD part number
RHFL4913ESY5005V
5962F0253602VZC
RHFL4913ESY5006V
5962F0253602VZA
L491325DIE2V
5962F0253402V9A
L491333DIE2V
5962F0253502V9A
L491350DIE2V
5962F0253602V9A
Table 10. Environmental characteristics
Parameters
Conditions
Value
Unit
Output voltage thermal drift
-55 °C to +125 °C
40
ppm/°C
Output voltage radiation drift
From 0 krad to 300 krad at
0.55 rad/s
8
ppm/krad
Output voltage radiation drift
From 0 krad to 300 krad, Mil
Std 883E Method 1019.6
6
ppm/krad
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Ordering information
DS3260 - Rev 15
page 15/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com