Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RHFL4913KP331 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce RHFL4913KP331
Description  Rad-hard positive fixed voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913KP331 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button RHFL4913KP331 Datasheet HTML 8Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 9Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 10Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 11Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 12Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 13Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 14Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 15Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
8.2
SMD.5 package information
Figure 7. SMD.5 package outline
Table 6. SMD.5 package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
2.84
3.00
3.15
A1
0.25
0.38
0.51
b
7.13
7.26
7.39
b1
5.58
5.72
5.84
b2
2.28
2.41
2.54
b3
2.92
3.05
3.18
D
10.03
10.16
10.28
D1
0.76
E
7.39
7.52
7.64
e
1.91
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
SMD.5 package information
DS3260 - Rev 15
page 12/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20