Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE2004DIE1 Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce STE2004DIE1
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004DIE1 Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button STE2004DIE1 Datasheet HTML 42Page - STMicroelectronics STE2004DIE1 Datasheet HTML 43Page - STMicroelectronics STE2004DIE1 Datasheet HTML 44Page - STMicroelectronics STE2004DIE1 Datasheet HTML 45Page - STMicroelectronics STE2004DIE1 Datasheet HTML 46Page - STMicroelectronics STE2004DIE1 Datasheet HTML 47Page - STMicroelectronics STE2004DIE1 Datasheet HTML 48Page - STMicroelectronics STE2004DIE1 Datasheet HTML 49Page - STMicroelectronics STE2004DIE1 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
STE2004
46/66
Figure 58. 8080-series & 68000-series Interface Interconnection in Master Slave Mode
Figure 59. Host Processor Interconnection with I2C Interface
LR0217
STE2004
STE2004
D7-D0
RES
SLAVE
CS
MASTER
CS
D7-D0
8 LINES
8 LINES
E-WR
RW-RD
D/C
CS
RES
D7-D0
E-WR
RW-RD
D/C
CS
RES
E-WR
RW-RD
D/C
VDD1 / VSSAUX
VDD1 / VSSAUX
DIGITAL VDD
STE2004
µP
D/C
CS
RES
D0
D1
D2
D3
D4
D5
D6
D7
VSSAUX
VSSAUX
E - WR
R/W - RD
VSENSE_SLAVE
VDD1_AUX
OSC_IN
FR_IN
SDIN-SDAIN
SDOUT
SDAOUT
SCLK -SCL
SA1
SEL2
SEL3
VSSAUX
M/S
SA0
SEL1
VSS
TEST_MODE
VDD1
VDD2
TEST VREF
VSSAUX
VDD1
ANALOG VDD
LR0110
ICON
VDD1 / VSSAUX
VDD1 / VSSAUX
EXT_SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66