Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE2004DIE1 Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce STE2004DIE1
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004DIE1 Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button STE2004DIE1 Datasheet HTML 39Page - STMicroelectronics STE2004DIE1 Datasheet HTML 40Page - STMicroelectronics STE2004DIE1 Datasheet HTML 41Page - STMicroelectronics STE2004DIE1 Datasheet HTML 42Page - STMicroelectronics STE2004DIE1 Datasheet HTML 43Page - STMicroelectronics STE2004DIE1 Datasheet HTML 44Page - STMicroelectronics STE2004DIE1 Datasheet HTML 45Page - STMicroelectronics STE2004DIE1 Datasheet HTML 46Page - STMicroelectronics STE2004DIE1 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
43/66
STE2004
Table 17. MULTIPLEXING RATIO
Table 18. TEMPERATURE COEFFICIENT
Table 19.
Table 20. CHARGE PUMP MULTIPLICATION FACTOR
M[1]
M[0]
DESCRIPTION
RESET STATE
00
49
0
1
65
01
10
33
1
1
Not Allowed
T2
T1
T0
DESCRIPTION
RESET STATE
0
0
0
VLCD temperature Coefficient 0
0
0
1
VLCD temperature Coefficient 1
0
1
0
VLCD temperature Coefficient 2
0
1
1
VLCD temperature Coefficient 3
000
1
0
0
VLCD temperature Coefficient 4
1
0
1
VLCD temperature Coefficient 5
1
1
0
VLCD temperature Coefficient 6
1
1
1
VLCD temperature Coefficient 7
TC1
TC0
DESCRIPTION
RESET STATE
0
0
VLCD temperature Coefficient 0
0
1
VLCD temperature Coefficient 2
00
0
1
VLCD temperature Coefficient 3
1
1
VLCD temperature Coefficient 6
CP2
CP1
CP0
DESCRIPTION
RESET STATE
00
0
Multiplication Factor X2
0
0
1
Multiplication Factor X3
0
1
0
Multiplication Factor X4
0
1
1
Multiplication Factor X5
000
10
0
NOT USED
10
1
NOT USED
11
0
NOT USED
11
1
AUTOMATIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66