| Moteur de recherche de fiches techniques de composants électroniques |
|
M95640-R Fiches technique(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95640-R Fiches technique(HTML) 43 Page - STMicroelectronics |
|
43 / 53 page ![]() DocID16877 Rev 19 43/53 M95640-W M95640-R M95640-DF Package information 52 Figure 24. SO8N – 8-lead plastic small outline, 150 mils body width, package recommended footprint 1. Dimensions are expressed in millimeters. L1 - 1.040 - - 0.0409 - ccc - - 0.100 - - 0.0039 1. Values in inches are converted from mm and rounded to four decimal digits. Table 21. SO8N – 8-lead plastic small outline, 150 mils body width, package mechanical data (continued) Symbol millimeters inches(1) Min. Typ. Max. Min. Typ. Max. |