Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM85C30-16JC Fiches technique(PDF) 52 Page - Advanced Micro Devices

No de pièce AM85C30-16JC
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-16JC Fiches technique(HTML) 52 Page - Advanced Micro Devices

Back Button AM85C30-16JC Datasheet HTML 48Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 49Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 50Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 51Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 52Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 53Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 54Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 55Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
AMD
52
Am85C30
PHYSICAL DIMENSIONS
CL 044
.064
.100
.054
.088
PLANE 2
PLANE 1
.500
BSC
.050
BSC
.045
.055
.006
.022
.003
.015
.015
MIN
INDEX CORNER
.020 X 45
° REF.
(OPTIONAL)
06825E
AW 29
8/15/91 c dc
.500
BSC
.040 X 45
° REF. (3x)
(OPTIONAL)
.250
BSC
.625
BSC
.640
.660
.625
BSC
.640
.660
.250
BSC
.022
.028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68