Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM85C30-16JC Fiches technique(PDF) 21 Page - Advanced Micro Devices

No de pièce AM85C30-16JC
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-16JC Fiches technique(HTML) 21 Page - Advanced Micro Devices

Back Button AM85C30-16JC Datasheet HTML 17Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 18Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 19Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 20Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 21Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 22Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 23Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 24Page - Advanced Micro Devices AM85C30-16JC Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
AMD
21
Am85C30
0
0
1
1
0
1
0
1
0
0
1
1
Write Register 1
Write Register 4
D7 D6 D5 D4 D3 D2 D1 D0
Ext Int Enable
Tx Int Enable
Parity is Special Condition
D7 D6 D5 D4 D3 D2 D1 D0
Write Register 2
D7 D6 D5 D4 D3 D2 D1 D0
V0
V1
V2
V3
V4
V5
V6
V7
Interrupt Vector*
Write Register 6
D7 D6 D5 D4 D3 D2 D1 D0
0
1
0
1
0
0
1
1
0
1
0
1
0
0
1
1
0
1
0
1
Write Register 5
D7 D6 D5 D4 D3 D2 D1 D0
Tx CRC Enable
RTS
SDLC/CRC-16
Tx Enable
Send Break
0
0
1
1
0
1
0
1
Write Register 3
D7 D6 D5 D4 D3 D2 D1 D0
Rx Enable
Sync Character Load Inhibit
Address Search Mode (SDLC)
Rx CRC Enable
Enter Hunt Mode
Auto Enable
0
0
1
1
0
1
0
1
Parity Enable
Parity Even/
Odd
Sync Modes Enable
1 Stop Bit/Character
1 1/2 Stop Bits/Character
2 Stop Bits/Character
8-Bit Sync Character
16-Bit Sync Character
SDLC Mode (01111110 Flag)
External Sync Mode
X1 Clock Mode
X16 Clock Mode
X32 Clock Mode
X64 Clock Mode
Rx Int Disable
Rx Int on First Character or Special Condition
Int on All Rx Characters or Special Condition
Rx Int on Special Condition only
Wait/DMA Request on Receive/Transmit
Wait/DMA Request Function
Wait/DMA Request Enable
Tx 5 Bits (or less)/Character
Tx 7 Bits/Character
Tx 6 Bits/Character
Tx 8 Bits/Character
DTR
Rx 5 Bits/Character
Rx 7 Bits/Character
Rx 6 Bits/Character
Rx 8 Bits/Character
SYNC7
SYNC1
SYNC7
SYNC3
ADR7
ADR7
SYNC6
SYNC0
SYNC6
SYNC2
ADR6
ADR6
SYNC5
SYNC5
SYNC5
SYNC1
ADR5
ADR5
SYNC4
SYNC4
SYNC4
SYNC0
ADR4
ADR4
SYNC3
SYNC3
SYNC3
1
ADR3
1
SYNC2
SYNC2
SYNC2
1
ADR2
1
SYNC1
SYNC1
SYNC1
1
ADR1
1
SYNC0
SYNC0
SYNC0
1
ADR0
1
Monosync 8 Bits
Monosync 8 Bits
Bisync 16 Bits
Bisync 12 Bits
SDLC
SDLC (Address 0)
Figure 9. Write Register Bit Functions (continued)
10216F-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68