Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM85C30 Fiches technique(PDF) 32 Page - Advanced Micro Devices

No de pièce AM85C30
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Fiches technique(HTML) 32 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 28Page - Advanced Micro Devices AM85C30 Datasheet HTML 29Page - Advanced Micro Devices AM85C30 Datasheet HTML 30Page - Advanced Micro Devices AM85C30 Datasheet HTML 31Page - Advanced Micro Devices AM85C30 Datasheet HTML 32Page - Advanced Micro Devices AM85C30 Datasheet HTML 33Page - Advanced Micro Devices AM85C30 Datasheet HTML 34Page - Advanced Micro Devices AM85C30 Datasheet HTML 35Page - Advanced Micro Devices AM85C30 Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
AMD
32
Am85C30
DDDDDC0 C1 C2
C0 C1 C2 C3 C4 C5 C6 C7
C5 C6 C7 C8 C9 C10 C11 C12
C8 C9 C10 C11 C12 C13 C14 C15
Residue
Code
012
001
Residue
Code
012
101
DDDDDDC0 C1
DC0 C1 C2 C3 C4 C5 C6
C4 C5 C6 C7 C8 C9 C10 C11
C8 C9 C10 C11 C12 C13 C14 C15
Residue
Code
012
100
Residue
Code
012
010
DDDDDDDC0
DDC0 C1 C2 C3 C4 C5
C3 C4 C5 C6 C7 C8 C9 C10
C8 C9 C10 C11 C12 C13 C14 C15
DDDDDDDD
DDDC0 C1 C2 C3 C4
C2 C3 C4 C5 C6 C7 C8 C9
C7 C8 C9 C10 C11 C12 C13 C14
C8 C9 C10 C11 C12 C13 C14 C15
Residue
Code
012
110
DDDDDDDD
DDDDC0 C1 C2 C3
C1 C2 C3 C4 C5 C6 C7 C8
C6 C7 C8 C9 C10 C11 C12 C13
C8 C9 C10 C11 C12 C13 C14 C15
Figure 17A. 5 Bits/Character
10216F-21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68