Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM85C30 Fiches technique(PDF) 20 Page - Advanced Micro Devices

No de pièce AM85C30
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Fiches technique(HTML) 20 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 16Page - Advanced Micro Devices AM85C30 Datasheet HTML 17Page - Advanced Micro Devices AM85C30 Datasheet HTML 18Page - Advanced Micro Devices AM85C30 Datasheet HTML 19Page - Advanced Micro Devices AM85C30 Datasheet HTML 20Page - Advanced Micro Devices AM85C30 Datasheet HTML 21Page - Advanced Micro Devices AM85C30 Datasheet HTML 22Page - Advanced Micro Devices AM85C30 Datasheet HTML 23Page - Advanced Micro Devices AM85C30 Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
AMD
20
Am85C30
Read Register 10
Read Register 13
D7 D6 D5 D4 D3 D2 D1 D0
0
On Loop
0
0
Loop Sending
0
Two Clocks Missing
One Clock Missing
D7 D6 D5 D4 D3 D2 D1 D0
Read Register 12
Read Register 15
D7 D6 D5 D4 D3 D2 D1 D0
TC0
TC1
TC2
TC3
TC4
TC5
TC6
TC7
D7 D6 D5 D4 D3 D2 D1 D0
*Added Enhancement
SDLC/HDLC Enhancement Status*
Zero Count IE
10
× 19 bit FIFO Enable/Disable*
DCD IE
SYNC Hunt IE
CTS IE
Tx Underrun/EOM IE
Break/Abort IE
Lower Byte of
Time Constant
Upper Byte of
Time Constant
TC8
TC9
TC10
TC11
TC12
TC13
TC14
TC15
Figure 8. Read Register Bit Functions (continued)
10216F-12
(concluded)
Write Register 0
D7 D6 D5 D4 D3 D2 D1 D0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
8
9
10
11
12
13
14
15
0
1
2
3
4
5
6
7
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
0
1
1
0
1
0
1
Null Code
Point High Register Group
Reset Ext/Status Interrupts
Send Abort
Enable Int on Next Rx Character
Reset Tx Int Pending
Error Reset
Reset Highest IUS
Register
Null Code
Reset Rx CRC Checker
Reset Tx CRC Generator
Reset Tx Underrun/EOM Latch
Figure 9. Write Register Bit Functions
10216F-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68