| Moteur de recherche de fiches techniques de composants électroniques |
|
L9305QFP Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9305QFP Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 107 page ![]() A set of parameters for the loop control is available through SPI registers in order to tune the transient response and settling time of the loop based on the user’s load characteristics. These settings and details are discussed in the following sections. 6.1.4 Fixed frequency control The fixed frequency control subtracts the current measurement signal from the programmed set point to create the error signal. The proportional and integral amplifiers process the error signal and generate the PROPORTIONAL and INTEGRAL signals. The processing of PROPORTIONAL and INTEGRAL signals depends on the user programmed values of Kp and Ki in the Channel_x.KGAINS register. The control loop then adds PROPORTIONAL and INTEGRAL signals and compares the result with ramp generator. Figure 10. Fixed frequency algorithm (*) Programmable parameter. (**) The integrator limiter is automatically calculated for Fixed Frequency algorithm. It avoids that the PI signal exceeds the max. and min. levels of the RAMP signal. This allows fastest loop transient response. (*) PI Comparator Integrator Limiter Register Z –1 Ramp Generator Current Set Point Current Measurement + – + + + + – + PWM (**) (*) Ki Kp PROPORTIONAL INTEGRAL RAMP GADG2709181213PS The LIMITER in the integral path, limits the integral signal automatically to the RAMP signal to ensure the fastest PWM changes to reduce current over and under shoot. An example of current control block diagram is shown in Figure 10. L9305 Hardware current control DS12774 - Rev 8 page 21/107 |