| Moteur de recherche de fiches techniques de composants électroniques |
|
L9305QFP Fiches technique(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9305QFP Fiches technique(HTML) 77 Page - STMicroelectronics |
|
77 / 107 page ![]() CONFIGURATION2 Configuration 2 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 R RW RW Address: Channel_X_BaseAddress + 0x03 Type: RW Reset: 0x0000 Description: Configuration Register for channel configuration self-tests. Before restarting any tests, wait for the register to return to "0" [15:2] Unused [1] Solenoid Diag Self Test: Short, Open Load and PWM Check 0: Self Test Disabled 1: Self Test Enabled [0] GND_SOL loss self test 0: Self TestDisabled 1: Self Test Enabled L9305 Channel page registers DS12774 - Rev 8 page 77/107 |