Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L3G4ISTR Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce L3G4ISTR
Description  MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4ISTR Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button L3G4ISTR Datasheet HTML 16Page - STMicroelectronics L3G4ISTR Datasheet HTML 17Page - STMicroelectronics L3G4ISTR Datasheet HTML 18Page - STMicroelectronics L3G4ISTR Datasheet HTML 19Page - STMicroelectronics L3G4ISTR Datasheet HTML 20Page - STMicroelectronics L3G4ISTR Datasheet HTML 21Page - STMicroelectronics L3G4ISTR Datasheet HTML 22Page - STMicroelectronics L3G4ISTR Datasheet HTML 23Page - STMicroelectronics L3G4ISTR Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
L3G4IS
Soldering information
Doc ID 022612 Rev 1
21/24
7
Soldering information
The LGA package is compliant with the ECOPACK®, RoHS and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020.
Leave “Pin 1 Indicator” unconnected during soldering.
Land pattern and soldering recommendations are available at www.st.com/mems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24