Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L3G4ISTR Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce L3G4ISTR
Description  MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4ISTR Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button L3G4ISTR Datasheet HTML 4Page - STMicroelectronics L3G4ISTR Datasheet HTML 5Page - STMicroelectronics L3G4ISTR Datasheet HTML 6Page - STMicroelectronics L3G4ISTR Datasheet HTML 7Page - STMicroelectronics L3G4ISTR Datasheet HTML 8Page - STMicroelectronics L3G4ISTR Datasheet HTML 9Page - STMicroelectronics L3G4ISTR Datasheet HTML 10Page - STMicroelectronics L3G4ISTR Datasheet HTML 11Page - STMicroelectronics L3G4ISTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Working mode selection
L3G4IS
8/24
Doc ID 022612 Rev 1
3
Working mode selection
The L3G4IS can be used for user interface and image stabilization applications. Depending
on the power supply provided and dedicated internal bits configuration, the L3G4IS is able
to keep both reading chains active allowing the user to exploit the advantages of high
resolution on low full-scale and low current consumption on high full-scale at the same time
through SPI and I2C digital interfaces.
When either AVdd or HAVdd are removed they must be connected to GND for proper
working of the device.
Table 3.
Operating mode
AVdd
AVdd_OIS
Operating mode
I2C interface
SPI interface
OFF
OFF
Gyro off
Not available
Not available
ON
OFF
UI
Read/Write UI
registers
Not available
OFF
ON
OIS
Not available
Read/Write OIS
registers
ON
ON
OIS/UI
Read/Write UI
registers
Read/Write OIS
registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24