Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER26K Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce VIPER26K
Description  1050 V high voltage converter for ultra-wide input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER26K Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button VIPER26K Datasheet HTML 20Page - STMicroelectronics VIPER26K Datasheet HTML 21Page - STMicroelectronics VIPER26K Datasheet HTML 22Page - STMicroelectronics VIPER26K Datasheet HTML 23Page - STMicroelectronics VIPER26K Datasheet HTML 24Page - STMicroelectronics VIPER26K Datasheet HTML 25Page - STMicroelectronics VIPER26K Datasheet HTML 26Page - STMicroelectronics VIPER26K Datasheet HTML 27Page - STMicroelectronics VIPER26K Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Package information
VIPER26K
24/28
DS12978 Rev 1
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
6.1
SO16N package information
Figure 32. SO16N package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28