Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER26K Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce VIPER26K
Description  1050 V high voltage converter for ultra-wide input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER26K Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button VIPER26K Datasheet HTML 12Page - STMicroelectronics VIPER26K Datasheet HTML 13Page - STMicroelectronics VIPER26K Datasheet HTML 14Page - STMicroelectronics VIPER26K Datasheet HTML 15Page - STMicroelectronics VIPER26K Datasheet HTML 16Page - STMicroelectronics VIPER26K Datasheet HTML 17Page - STMicroelectronics VIPER26K Datasheet HTML 18Page - STMicroelectronics VIPER26K Datasheet HTML 19Page - STMicroelectronics VIPER26K Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
General description
VIPER26K
16/28
DS12978 Rev 1
In the case of isolated power supply, the internal error amplifier has to be disabled (FB pin
shorted to GND). In this case an internal resistor is connected between an internal reference
voltage and the COMP pin.
The current loop has to be closed on the COMP pin through the optocoupler in parallel with
the compensation network. The VCOMP dynamics range is between VCOMPL and VCOMPH.
When the voltage VCOMP drops below the voltage threshold VCOMPL, the converter enters
burst mode.
When the voltage VCOMP rises above the VCOMPH threshold, the peak drain current will
reach its limit, as well as the deliverable output power.
Figure 21. Feedback circuit
Figure 22. COMP pin vs. IDLIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28