Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER113XSTR Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce VIPER113XSTR
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER113XSTR Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button VIPER113XSTR Datasheet HTML 21Page - STMicroelectronics VIPER113XSTR Datasheet HTML 22Page - STMicroelectronics VIPER113XSTR Datasheet HTML 23Page - STMicroelectronics VIPER113XSTR Datasheet HTML 24Page - STMicroelectronics VIPER113XSTR Datasheet HTML 25Page - STMicroelectronics VIPER113XSTR Datasheet HTML 26Page - STMicroelectronics VIPER113XSTR Datasheet HTML 27Page - STMicroelectronics VIPER113XSTR Datasheet HTML 28Page - STMicroelectronics VIPER113XSTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
DS11873 Rev 5
25/37
VIPer11
General description
37
Figure 32. Connection for output overvoltage protection (non-isolated topologies)
If VOVP is the desired input/output overvoltage threshold, the resistors RH and RL of the
voltage divider are to be selected according to the following formula:
Equation 2
The power dissipation associated to the DIS network is:
Equation 3
in case of connection for the input overvoltage detection and
Equation 4
in case of connection for the output overvoltage detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37