Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER113XSTR Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce VIPER113XSTR
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER113XSTR Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button VIPER113XSTR Datasheet HTML 12Page - STMicroelectronics VIPER113XSTR Datasheet HTML 13Page - STMicroelectronics VIPER113XSTR Datasheet HTML 14Page - STMicroelectronics VIPER113XSTR Datasheet HTML 15Page - STMicroelectronics VIPER113XSTR Datasheet HTML 16Page - STMicroelectronics VIPER113XSTR Datasheet HTML 17Page - STMicroelectronics VIPER113XSTR Datasheet HTML 18Page - STMicroelectronics VIPER113XSTR Datasheet HTML 19Page - STMicroelectronics VIPER113XSTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
General description
VIPer11
16/37
DS11873 Rev 5
5
General description
5.1
Block diagram
Figure 25. Block diagram
5.2
Typical power capability
Table 8. Typical power
Vin: 230 VAC
Vin: 85-265 VAC
Adapter(1)
Open frame(2)
Adapter
Open frame
10 W
12 W
6 W
7 W
1. Typical continuous power in non-ventilated enclosed adapter measured at 50 °C ambient.
2. Maximum practical continuous power in an open frame design at 50 °C ambient, with adequate heat-sinking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37