| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8576DT Fiches technique(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576DT Fiches technique(HTML) 27 Page - NXP Semiconductors |
|
27 / 41 page ![]() 2004 Dec 22 27 Philips Semiconductors Product specification Universal LCD driver for low multiplex rates PCF8576D 8 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). 9 HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take normal precautions appropriate to handling MOS devices (see “Handling MOS Devices” ). SYMBOL PARAMETER MIN. MAX. UNIT VDD supply voltage −0.5 +6.5 V VLCD LCD supply voltage VSS − 0.5 +7.5 V Vi1 input voltage CLK, SYNC, SA0, OSC, A0 to A2 VSS − 0.5 VDD + 0.5 V Vi2 input voltage SCL and SDA VSS − 0.5 +6.5 V VO output voltage S0 to S39, BP0 to BP3 VSS − 0.5 VDD + 0.5 V II DC input current −10 +10 mA IO DC output current −10 +10 mA IDD VDD current −50 +50 mA ISS VSS current −50 +50 mA ILCD VLCD current −50 +50 mA Ptot total power dissipation − 400 mW PO power dissipation per output − 100 mW Tstg storage temperature −65 +150 °C |