| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8576DT Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576DT Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 41 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... handbook, full pagewidth MDB075 LCD VOLTAGE SELECTOR CLOCK SELECT AND TIMING BLINKER TIMEBASE OSCILLATOR INPUT FILTERS I2C-BUS CONTROLLER POWER-ON RESET CLK SYNC OSC SCL SDA SA0 BACKPLANE OUTPUTS DISPLAY CONTROLLER BP0 25 21 20 13 12 15 VDD 14 11 10 19 16 1, 8, 9, 22 to 24, 33, 48 17 18 26 27 28 BP2 BP1 BP3 DISPLAY SEGMENT OUTPUTS DISPLAY REGISTER OUTPUT BANK SELECT AND BLINK CONTROL 29 to 32, 34 to 47, 49 to 64, 2 to 7 S0 to S39 n.c. A0 A1 A2 PCF8576DH LCD BIAS GENERATOR VSS VLCD COMMAND DECODER WRITE DATA CONTROL DISPLAY RAM 40 × 4 BIT DATA POINTER AND AUTO INCREMENT SUB-ADDRESS COUNTER Fig.1 Block diagram for version PCF8576DH. |