Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFM-92B Fiches technique(PDF) 2 Page - CUI Devices

No de pièce CFM-92B
Description  DC AXIAL FAN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUID [CUI Devices]
Site Internet  https://www.cuidevices.com/
Logo CUID - CUI Devices

CFM-92B Fiches technique(HTML) 2 Page - CUI Devices

  CFM-92B Datasheet HTML 1Page - CUI Devices CFM-92B Datasheet HTML 2Page - CUI Devices CFM-92B Datasheet HTML 3Page - CUI Devices CFM-92B Datasheet HTML 4Page - CUI Devices CFM-92B Datasheet HTML 5Page - CUI Devices CFM-92B Datasheet HTML 6Page - CUI Devices CFM-92B Datasheet HTML 7Page - CUI Devices CFM-92B Datasheet HTML 8Page - CUI Devices CFM-92B Datasheet HTML 9Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CUI DEVICES | SERIES: CFM-92B | DESCRIPTION: DC AXIAL FAN
date 08/12/2022 | page 2 of 9
cuidevices.com
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage7
12 Vdc input models
24 Vdc input models
10.8
21.6
12
24
13.2
26.4
Vdc
Vdc
starting voltage
12 Vdc input models
24 Vdc input models
7.0
14.0
Vdc
Vdc
Note:
7. See Model section on page 1 for specific input voltage ranges.
PERFORMANCE8
parameter
conditions/description
min
typ
max
units
rated speed
at rated voltage, 25°C, after 3 minutes
2,000
5,000
RPM
air flow
at 0 inch H
2O, see performance curves
33.42
102.79
CFM
static pressure
at 0 CFM, see performance curves
0.07
0.63
inch H
2O
noise
at 1 m, rated speed
26.9
52.3
dBA
Note:
8. See Model section on page 1 for specific values.
PROTECTIONS / FEATURES9
parameter
conditions/description
min
typ
max
units
auto restart
on all models
polarity protection
on all models
tachometer signal
available on “20” and “22” models
PWM control signal
available on “22” models
Notes:
9. See Application Notes for details.
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
insulation resistance
at 500 Vdc between frame and positive terminal
10
MΩ
dielectric strength
at 500 Vac, 60 Hz, 1 minute between housing and positive
terminal
5
mA
safety approvals
UL/cUL 507, TUV (EN/IEC 62368-1:2020+A11)
EMI/EMC
EN 55032:2015, EN 55035:2017
life expectancy
at 40°C, 65% RH, 90% confidence level
70,000
hours
RoHS
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-10
70
°C
storage temperature
-40
75
°C
operating humidity
non-condensing
35
85
%
storage humidity
non-condensing
35
85
%
PART NUMBER KEY
CFM-9225B-120-269 - XX - CXX
Reserved for Custom
Configurations
Base Number
Fan Signals
“blank” = no signals
20 = tachometer signal
22 = tachometer signal / PWM control signal
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com