Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFM-92B Fiches technique(PDF) 1 Page - CUI Devices

No de pièce CFM-92B
Description  DC AXIAL FAN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUID [CUI Devices]
Site Internet  https://www.cuidevices.com/
Logo CUID - CUI Devices

CFM-92B Fiches technique(HTML) 1 Page - CUI Devices

  CFM-92B Datasheet HTML 1Page - CUI Devices CFM-92B Datasheet HTML 2Page - CUI Devices CFM-92B Datasheet HTML 3Page - CUI Devices CFM-92B Datasheet HTML 4Page - CUI Devices CFM-92B Datasheet HTML 5Page - CUI Devices CFM-92B Datasheet HTML 6Page - CUI Devices CFM-92B Datasheet HTML 7Page - CUI Devices CFM-92B Datasheet HTML 8Page - CUI Devices CFM-92B Datasheet HTML 9Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
date 08/12/2022
page 1 of 9
SERIES: CFM-92B | DESCRIPTION: DC AXIAL FAN
cuidevices.com
FEATURES
• dual ball bearing
• 92 x 92 mm frame
• multiple speed options
• PWM/tachometer wires available
• auto restart
MODEL
input
voltage
input
current1
input
power1
rated
speed1
airflow2
static pres-
sure3
noise4
rated
(Vdc)
range
(Vdc)
max
(A)
max
(W)
typ
(RPM±10%)
(CFM)
(inch H
2O)
typ
(dBA)
CFM-9225B-120-269
12
10.8~13.2
0.09
1.08
2,0005
33.42
0.07
26.9
CFM-9225B-125-317
12
10.8~13.2
0.15
1.80
2,500
41.77
0.11
31.7
CFM-9225B-130-356
12
10.8~13.2
0.30
3.60
3,000
50.13
0.15
35.6
CFM-9225B-220-269
24
21.6~26.4
0.05
1.20
2,0005
33.42
0.07
26.9
CFM-9225B-225-317
24
21.6~26.4
0.08
1.92
2,500
41.77
0.11
31.7
CFM-9225B-230-356
24
21.6~26.4
0.15
3.60
3,000
50.13
0.15
35.6
CFM-9232B-130-398
12
10.8~13.2
0.32
3.84
3,000
61.67
0.22
39.9
CFM-9232B-140-461
12
10.8~13.2
0.52
6.24
4,000
82.23
0.40
46.2
CFM-9232B-150-509
12
10.8~13.2
0.89
10.68
5,000
102.79
0.62
51.0
CFM-9232B-230-398
24
21.6~26.4
0.15
3.60
3,000
61.67
0.22
39.9
CFM-9232B-240-461
24
21.6~26.4
0.36
8.64
4,000
82.23
0.40
46.2
CFM-9232B-250-509
24
21.6~26.4
0.53
12.72
5,000
102.79
0.62
51.0
CFM-9238B-130-410
12
10.8~13.2
0.30
3.60
3,000
57.65
0.25
41.1
CFM-9238B-140-473
12
10.8~13.2
0.54
6.48
4,000
76.86
0.44
47.3
CFM-9238B-148-523
12
10.8~13.2
0.95
11.40
4,800
92.24
0.63
52.3
CFM-9238B-230-410
24
21.6~26.4
0.17
4.08
3,000
57.65
0.25
41.1
CFM-9238B-240-473
24
21.6~26.4
0.40
9.60
4,000
76.86
0.44
47.3
Notes:
1. At rated voltage, after 3 minutes.
2. At rated voltage, room temperature, 65% humidity, 0 inch H
20 static pressure.
3. At rated voltage, 0 CFM airflow.
4. Measured in an anechoic chamber as per ISO3745/GB4214-84 at rated voltage, with background noise 20±2 dBA at 1 m from the fan intake.
5. Typical rated speed is measured as RPM±250 at rated voltage.
6. All specifications are measured at 25°C, 65% relative humidity unless otherwise specified.
Additional Resources: Product Page | 3D Model


Numéro de pièce similaire - CFM-92B

FabricantNo de pièceFiches techniqueDescription
logo
Same Sky Devices
CFM-92B SAMESKY-CFM-92B Datasheet
1Mb / 10P
DC AXIAL FAN
09/12/2024
CFM-92BF SAMESKY-CFM-92BF Datasheet
1Mb / 7P
DC AXIAL FAN
09/12/2024
CFM-92BG SAMESKY-CFM-92BG Datasheet
1Mb / 8P
DC AXIAL FAN
09/12/2024
More results

Description similaire - CFM-92B

FabricantNo de pièceFiches techniqueDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
DC AXIAL FAN
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
DC axial fan
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com