Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFM-40V Fiches technique(PDF) 3 Page - CUI Devices

No de pièce CFM-40V
Description  DC AXIAL FAN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUID [CUI Devices]
Site Internet  https://www.cuidevices.com/
Logo CUID - CUI Devices

CFM-40V Fiches technique(HTML) 3 Page - CUI Devices

  CFM-40V Datasheet HTML 1Page - CUI Devices CFM-40V Datasheet HTML 2Page - CUI Devices CFM-40V Datasheet HTML 3Page - CUI Devices CFM-40V Datasheet HTML 4Page - CUI Devices CFM-40V Datasheet HTML 5Page - CUI Devices CFM-40V Datasheet HTML 6Page - CUI Devices CFM-40V Datasheet HTML 7Page - CUI Devices CFM-40V Datasheet HTML 8Page - CUI Devices CFM-40V Datasheet HTML 9Page - CUI Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CUI DEVICES | SERIES: CFM-40V | DESCRIPTION: DC AXIAL FAN
date 08/12/2022 | page 3 of 11
cuidevices.com
PERFORMANCE CURVES
0
0.02
0.04
0.06
0.08
0.1
0.12
02468
Air Flow (CFM)
0
0.5
1
1.5
2
2.5
3
Air Flow (CMM)
0
0.055
0.11
0.165
0.22
0
0.04
0.08
0.12
0.16
0.2
024
68
0
1
2
3
4
5
00.055
0.11
0.1650.22
Air Flow (CFM)
Air Flow (CMM)
CFM-4010V-058-206
0
0.02
0.04
0.06
0.08
0.1
012345
6 0
0.5
1
1.5
2
2.5
00.028 0.056 0.0840.112 0.140.168
Air Flow (CFM)
Air Flow (CMM)
0
0.02
0.04
0.06
0.08
0.1
0.12
0
246
8
0
0.5
1
1.5
2
2.5
3
00.055
0.11
0.1650.22
Air Flow (CFM)
Air Flow (CMM)
CFM-4010V-070-273
CFM-4010V-158-206
CFM-4010V-150-157
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com