Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFM-40V Fiches technique(PDF) 1 Page - CUI Devices

No de pièce CFM-40V
Description  DC AXIAL FAN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUID [CUI Devices]
Site Internet  https://www.cuidevices.com/
Logo CUID - CUI Devices

CFM-40V Fiches technique(HTML) 1 Page - CUI Devices

  CFM-40V Datasheet HTML 1Page - CUI Devices CFM-40V Datasheet HTML 2Page - CUI Devices CFM-40V Datasheet HTML 3Page - CUI Devices CFM-40V Datasheet HTML 4Page - CUI Devices CFM-40V Datasheet HTML 5Page - CUI Devices CFM-40V Datasheet HTML 6Page - CUI Devices CFM-40V Datasheet HTML 7Page - CUI Devices CFM-40V Datasheet HTML 8Page - CUI Devices CFM-40V Datasheet HTML 9Page - CUI Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
date 08/12/2022
page 1 of 11
SERIES: CFM-40V | DESCRIPTION: DC AXIAL FAN
cuidevices.com
FEATURES
• omniCOOLTM bearing system
• 40 x 40 mm frame
• multiple speed options for different cooling needs
• tachometer signal and rotation detect options available
• auto restart protection standard on all models
MODEL
input
voltage
input
current1
input
power1
rated
speed1
air
flow2
static pres-
sure3
noise4
rated
(Vdc)
range
(Vdc)
max
(mA)
max
(W)
typ
(RPM±15%)
(CFM)
(inch H
2O)
max
(dBA)
CFM-4010V-058-206
5
3.5~6
109
0.55
5800
7.0
0.12
20.6
CFM-4010V-070-273
5
3.5~6
157
0.79
7000
8.0
0.19
27.3
CFM-4010V-150-157
12
4.5~13.8
38
0.46
5000
5.4
0.09
15.7
CFM-4010V-158-206
12
6~13.8
48
0.58
5800
7.0
0.12
20.6
CFM-4010V-170-273
12
4.5~13.8
59
0.71
7000
8.0
0.19
27.3
CFM-4010V-185-314
12
4.5~13.8
101
1.22
8500
9.9
0.25
31.4
CFM-4020V-050-165
5
3.5~6
87
0.44
5000
6.3
0.11
16.5
CFM-4020V-060-210
5
3.5~6
124
0.62
6000
7.7
0.17
21.0
CFM-4020V-070-255
5
3.5~6
173
0.87
7000
8.9
0.22
25.5
CFM-4020V-145-123
12
4.5~13.8
38
0.46
4500
5.5
0.10
12.3
CFM-4020V-150-165
12
4.5~13.8
46
0.56
5000
6.3
0.11
16.5
CFM-4020V-160-210
12
4.5~13.8
54
0.65
6000
7.7
0.17
21.0
CFM-4020V-170-255
12
4.5~13.8
67
0.81
7000
8.9
0.22
25.5
CFM-4020V-180-275
12
4.5~13.8
92
1.11
8000
10.8
0.29
27.5
CFM-4020V-260-210
24
8~27.6
30
0.72
6000
7.7
0.17
21.0
CFM-4020V-270-255
24
8~27.6
39
0.94
7000
8.9
0.22
25.5
CFM-4020V-280-275
24
8~27.6
45
1.08
8000
10.8
0.29
27.5
Notes:
1. At rated voltage, 25°C, 0 inch H
20 static pressure, after 10 minutes
2. As per AMCA 210 or DIN 24163, at rated voltage, stabilized RPM, 0 inch H
20 static pressure
3. As per AMCA 210 or DIN 24163, at rated voltage, stabilized RPM, 0 CFM airflow.
4. Measured in a semi-anechoic chamber with background noise < 15 dBA at 1 m from the fan intake.
5. All specifications are measured at 25°C, 65% relative humidity unless otherwise specified.
PART NUMBER KEY
CFM-4010V-058-206 - XX - CXX
Reserved for Custom
Configurations
Base Number
Fan Signals
“blank” = no signals
11 = rotation detector signal
20 = tachometer signal
Additional Resources: Product Page | 3D Model


Numéro de pièce similaire - CFM-40V

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
CFM-40V CUI-CFM-40V Datasheet
834Kb / 11P
DC AXIAL FAN
More results

Description similaire - CFM-40V

FabricantNo de pièceFiches techniqueDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
DC AXIAL FAN
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
DC axial fan
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com